Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD212D12EI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MD212D12EI
Description  MD200xEI SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD212D12EI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MD212D12EI Datasheet HTML 1Page - MicroPower Direct, LLC MD212D12EI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pin
Single
Dual
Pin
Single
Dual
1+VIN
+VIN
6
No Pin
Common
2-VIN
-VIN
7+VOUT
+VOUT
5-VOUT
-VOUT
Pin Connections
Model Selection Guide
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Load
Regulation
Output
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
% Typ.
MD205S-05EI
5
4.5 - 5.5
450
25
5.0
400.0
40.0
10.0
220
89
1,000
MD205S-12EI
5
4.5 - 5.5
476
25
12.0
166.6
16.6
8.0
220
84
1,000
MD205S-15EI
5
4.5 - 5.5
476
25
15.0
133.3
13.3
7.0
220
84
1,000
MD205S-24EI
5
4.5 - 5.5
476
25
24.0
83.3
8.3
6.0
220
84
1,000
MD205D-05EI
5
4.5 - 5.5
476
25
±5.0
±200.0
±20.0
10.0
100
80
1,000
MD205D-12EI
5
4.5 - 5.5
476
25
±12.0
±83.3
±8.3
8.0
100
84
1,000
MD205D-15EI
5
4.5 - 5.5
476
25
±15.0
±66.6
±6.7
7.0
100
84
1,000
MD205D-24EI
5
4.5 - 5.5
476
25
±24.0
±41.6
±4.2
6.0
100
84
1,000
MD212S-05EI
12
10.8 - 13.2
198
15
5.0
400.0
40.0
10.0
220
84
500
MD212S-12EI
12
10.8 - 13.2
198
15
12.0
166.6
16.6
8.0
220
84
500
MD212S-15EI
12
10.8 - 13.2
198
15
15.0
133.3
13.3
7.0
220
84
500
MD212D-05EI
12
10.8 - 13.2
198
15
±5.0
±200.0
±20.0
10.0
100
84
500
MD212D-12EI
12
10.8 - 13.2
196
15
±12.0
±83.3
±8.3
8.0
100
85
500
MD212D-15EI
12
10.8 - 13.2
198
15
±15.0
±66.6
±6.7
7.0
100
84
500
MD215D-12EI
15
13.5 - 16.5
157
10
±12.0
±83.3
±8.3
8.0
100
85
500
MD224S-05EI
24
21.6 - 26.4
99
8
5.0
400.0
40.0
10.0
220
84
250
MD224S-12EI
24
21.6 - 26.4
99
8
12.0
166.6
16.6
8.0
220
84
250
MD224S-15EI
24
21.6 - 26.4
99
8
15.0
133.3
13.3
7.0
220
84
250
MD224S-24EI
24
21.6 - 26.4
98
8
24.0
83.3
8.3
6.0
220
85
250
MD224D-05EI
24
21.6 - 26.4
99
8
±5.0
±200.0
±20.0
10.0
100
84
250
MD224D-12EI
24
21.6 - 26.4
99
8
±12.0
±83.3
±8.3
8.0
100
84
250
MD224D-15EI
24
21.6 - 26.4
99
8
±15.0
±66.6
±6.7
7.0
100
84
250
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. When measuring output ripple, it is recommended that an external 1 µF ceramic capacitor & 10 µF electrolytic
capacitor be placed in parallel from the +Vout pin to the -Vout pin for single output models, or from each output
to common for dual output models.
3. The isolation capacitance of model MD224S-15EI and MD224D-24EI is 30 pF.
4. Operation at no load will not damage these units, however, they may not meet all specifications.
5. These converters are specified for operation without external components. However, in some applications the
addition of input/output capacitors will enhance stability and reduce output ripple. The simple connection shown
below will typically meet EN 55022 Class B. For dual output units, a capacitor should be connected from each
output to common (C2 is connected to pin 5 on dual output models).
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.02 (±0.50)
Pin 1 is marked by a “dot” or indentation on the unit
Derating Curve
VIN
C1
L1
C2
VOUT
C3
5 VDC
4.7 µF/50V
6.8 µH
---
5 VDC
10 µF
12 VDC
4.7 µF/50V
6.8 µH
470 pF/3kV
12 VDC
2.2 µF
15 VDC
4.7 µF/50V
6.8 µH
470 pF/3kV
15 VDC
1.0 µF
24 VDC
4.7 µF/50V
6.8 µH
470 pF/3kV
24 VDC
1.0 µF
±5 VDC
4.7 µF
±12 VDC
1.0 µF
±15 VDC
0.47 µF
±24 VDC
0.47 µF
6. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
Me


Similar Part No. - MD212D12EI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD212D12E MPD-MD212D12E Datasheet
1Mb / 4P
   MD200xE SERIES
More results

Similar Description - MD212D12EI

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com