Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2560 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SD2560
Description  Silicon NPN Triple Diffused Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SD2560 Datasheet(HTML) 1 Page - Sanken electric

  2SD2560 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
156
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SB1647)
Application : Audio, Series Regulator and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
150
150
5
15
1
130(Tc=25°C)
150
–55to+150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
Ratings
100max
100max
150min
5000min
2.5max
3.0max
70typ
120typ
Unit
µA
µA
V
V
V
MHz
pF
Conditions
VCB=150V
VEB=5V
IC=30mA
VCE=4V, IC=10A
IC=10A, IB=10mA
IC=10A, IB=10mA
VCE=12V, IE=–2A
VCB=10V, f=1MHz
Darlington
2SD2560
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
Safe Operating Area (Single Pulse)
0
0
10
5
15
24
6
Collector-Emitter Voltage V CE(V)
I B=0.3mA
0.5mA
0.8mA
2mA
1.0mA
3mA
10mA
1.5mA
V CE(sat) – I B Characteristics (Typical)
0
3
2
1
0.2
1
0.5
10
5
200
100
50
Base Current I B(mA)
I C=.15A
I C=.10A
I C=.5A
I C– V BE Temperature Characteristics (Typical)
0
15
5
10
0
2
2.2
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
h FE– I C Characteristics (Typical)
Collector Current I C(A)
02
0.5
1
1 0
1 5
5
50000
1000
5000
10000
500
(V CE=4V)
Typ
02
0.5
1
1 0
1 5
5
50000
1000
5000
10000
500
(V CE=4V)
h FE– I C Temperature Characteristics (Typical)
Collector Current I C(A)
125˚C
–30˚C
25˚C
θj-a–t Characteristics
0.1
1.0
3.0
0.5
1
1 0
100
1000 2000
Time t(ms)
f T– I E Characteristics (Typical)
(V CE=12V)
Emitter Current I E(A)
–0.05
–0.02
–01
–0.5
–1
–5
–10
0
40
20
60
80
Pc – T a Derating
130
100
50
3.5
0
Ambient Temperature Ta(˚C)
Without Heatsink
0
2 5
5 0
7 5
100
125
150
10
50
5
3
100
200
0.05
1
0.5
0.1
10
50
5
DC
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
External Dimensions MT-100(TO3P)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
Weight : Approx 6.0g
a. Part No.
b. Lot No.
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
40
RL
(
Ω)
4
IC
(A)
10
VBB2
(V)
–5
IB2
(mA)
–10
ton
(
µs)
0.8typ
tstg
(
µs)
4.0typ
tf
(
µs)
1.2typ
IB1
(mA)
10
VBB1
(V)
10
B
C
E
(70
Ω)
Equivalent circuit
∗hFE Rank O(5000to12000), P(6500to20000), Y(15000to30000)


Similar Part No. - 2SD2560

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SD2560 SANKEN-2SD2560 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
logo
Savantic, Inc.
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2560 ISC-2SD2560 Datasheet
137Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SD2560 SAVANTIC-2SD2560 Datasheet
149Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Sanken electric
2SD2560 SANKEN-2SD2560_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results

Similar Description - 2SD2560

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
   NPN Triple Diffused Planar Silicon Transistor
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com