Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME0524S12 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # ME0524S12
Description  ME05S SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ME0524S12 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ME0524S12 Datasheet HTML 1Page - MicroPower Direct, LLC ME0524S12 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Output load regulation is specified for a load change of 20% to 100%.
2. Operation at no-load will not damage these units. However, they may not meet all specifications.
3. These converters will operate without external components. However, to meet the specified EMI
limits, a simple external input filter is required. See the input filter note below for more information.
4. All units are rated for operation at full output power to +85
°C. Operation over +85°C without airflow
is not recommended. Output power should be derated linearly from 100% at 85
°C to 0% at 100°C.
5. It is recommended that a fuse be used on the input of a power supply for protection. See the Model
Selection table above for the correct rating.
VIN
(VDC)
C1
(µF)
L1
(µH)
C2
(µF)
C3
(pF)
3.3
2.2
18.0
5.0
2.2
18.0
12
2.2
18.0
24
2.2
18.0
2.2
470
48
10.0
18.0
2.2
470
Model Selection Guide
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin 1 is marked by a “dot” or indentation on the front of the unit
Model
Number
Input
Output
Load
Regulation
(% Typ)
Efficiency
(%, Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Nominal
Range
Full-Load
No-Load
ME0503S-03
3.3
2.97 - 3.63
205
20
3.3
152.0
±20
76
100
500
ME0503S-05
3.3
2.97 - 3.63
216
25
5.0
100.0
±10
70
100
500
ME0503S-09
3.3
2.97 - 3.63
216
25
9.0
56.0
±10
70
100
500
ME0503S-12
3.3
2.97 - 3.63
201
25
12.0
42.0
±10
72
100
500
ME0503S-15
3.3
2.97 - 3.63
208
25
15.0
33.0
±10
73
100
500
ME0503S-18
3.3
2.97 - 3.63
208
25
18.0
28.0
±10
73
100
500
ME0503S-24
3.3
2.97 - 3.63
208
25
24.0
21.0
±10
73
100
500
ME0505S-03
5.0
4.5 - 5.5
132
20
3.3
152.0
±20
76
100
250
ME0505S-05
5.0
4.5 - 5.5
121
13
5.0
100.0
±10
83
100
250
ME0505S-09
5.0
4.5 - 5.5
128
15
9.0
56.0
±10
78
100
250
ME0505S-12
5.0
4.5 - 5.5
127
18
12.0
42.0
±10
79
100
250
ME0505S-15
5.0
4.5 - 5.5
130
22
15.0
33.0
±10
77
100
250
ME0505S-18
5.0
4.5 - 5.5
127
20
18.0
28.0
±10
79
100
250
ME0505S-24
5.0
4.5 - 5.5
134
25
24.0
21.0
±10
75
100
250
ME0512S-03
12
10.8 - 13.2
58
15
3.3
152.0
±20
72
100
150
ME0512S-05
12
10.8 - 13.2
54
10
5.0
100.0
±10
78
100
150
ME0512S-09
12
10.8 - 13.2
57
15
9.0
56.0
±10
73
100
150
ME0512S-12
12
10.8 - 13.2
58
20
12.0
42.0
±10
72
100
150
ME0512S-15
12
10.8 - 13.2
61
20
15.0
33.0
±10
69
100
150
ME0512S-18
12
10.8 - 13.2
61
15
18.0
28.0
±10
68
100
150
ME0512S-24
12
10.8 - 13.2
59
15
24.0
21.0
±10
71
100
150
ME0524S-03
24
21.6 - 26.4
31
8
3.3
152.0
±20
69
100
75
ME0524S-05
24
21.6 - 26.4
29
8
5.0
100.0
±10
73
100
75
ME0524S-09
24
21.6 - 26.4
30
10
9.0
56.0
±10
71
100
75
ME0524S-12
24
21.6 - 26.4
30
8
12.0
42.0
±10
71
100
75
ME0524S-15
24
21.6 - 26.4
29
10
15.0
33.0
±10
73
100
75
ME0524S-18
24
21.6 - 26.4
29
10
18.0
28.0
±10
73
100
75
ME0524S-24
24
21.6 - 26.4
29
10
24.0
21.0
±10
72
100
75
ME0548S-03
48
43.2 - 52.8
17
6
3.3
152.0
±20
60
100
50
ME0548S-05
48
43.2 - 52.8
16
6
5.0
100.0
±10
66
100
50
ME0548S-09
48
43.2 - 52.8
17
6
9.0
56.0
±10
62
100
50
ME0548S-12
48
43.2 - 52.8
17
6
12.0
42.0
±10
64
100
50
ME0548S-15
48
43.2 - 52.8
17
6
15.0
33.0
±10
62
100
50
ME0548S-18
48
43.2 - 52.8
17
6
18.0
28.0
±10
62
100
50
ME0548S-24
48
43.2 - 52.8
18
10
24.0
21.0
±10
61
100
50
Mechanical Dimensions
Pin
Description
1-VIN
2+VIN
3-VOUT
4+VOUT
Pin Connections
www.micropowerdirect.com
Input Filter
The filter (C1, C2, C3 & L1) shown in the figure above
is required to meet EN 55022 level B. Recommended
component values are shown in the table at right.
Capacitor C1 is a 1210, 100V/ceramic, except for the
48V input which is a 100V/electrolytic. Capacitor C2 is a
1210 100V/ceramic. Capacitor C3 is a 1206 2 kV/ceramic.
Capacitor C4 is added to meet EN 61000-4-4 and
EN 61000-4-5. This capacitor is a 470 µF, 100V/electro-
lytic. All components should be mounted as close to the
unit as possible.
For 48VDC input models the width of the
unit is 0.29 (7.5) and the pins are set 0.08
(2.0) from the edge of the case. These
dimensions are identified with an “*” on
the mechanical drawing
Pin
Description
1
-VIN
2
+VIN
3
-VOUT
4
+VOUT
Pin Connection
For 48VDC input models the width of t
unit is 0.29 (7.5) and the pins are set 0.
(2.0) from the edge of the case. The
dimensions are identifiedwith an “*”
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - ME0524S12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
ME0524S12I MPD-ME0524S12I Datasheet
232Kb / 2P
   ME05SI SERIES
More results

Similar Description - ME0524S12

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com