Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7057AUB Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM7057AUB
Description  LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM7057AUB Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM7057AUB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM7057AUB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM7057AUB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121583
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.70 inch 5x7 Dot Matrix LED Display
Internal Circuit Diagram
LM7057A (Common Cathode Row)
LM7057B (Common Anode Row)
ROW
3
2
5
7
6
4
1
6
5
9
4
2
3
NO.
PIN
2
11
12
PIN
NO.
COL.
1
1
10
3
7
4
8
5
7
6
5
4
6
5
4
9
1
2
3
ROW
11
2
12
PIN
NO.
COL.
NO.
NO.
PIN
1
1
3
2
10
3
7
4
8
5
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM7057AR
LM7057BR
GaAlAs
Super Red
640
8
10
LM7057AD
LM7057BD
GaAlAs
Hi-Red
640
18
25
LM7057AO
LM7057BO
GaAsP
Orange
625
7
9
LM7057AY
LM7057BY
GaAsP
Yellow
588
8
10
LM7057AG
LM7057BG
GaP
Green
568
7
9
LM7057AUR
LM7057BUR
AlGaInP
Ultra Red
640
30
45
LM7057AUO
LM7057BUO
AlGaInP
Ultra Orange
625
45
60
LM7057AUA
LM7057BUA
AlGaInP
Ultra Amber
605
30
45
LM7057AUY
LM7057BUY
AlGaInP
Ultra Yellow
595
30
45
LM7057AUG
LM7057BUG
AlGaInP
Ultra Green
573
30
45
LM7057APG
LM7057BPG
InGaN
Pure Green
525
120
300
LM7057AUB
LM7057BUB
InGaN
Ultra Blue
470
30
45
LM7057AUW
LM7057BUW
InGaN
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LM7057AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM7057AURUG LIGHTKEY-LM7057AURUG Datasheet
74Kb / 3P
   LM7057A/BRG Series - 0.70 inch 5x7 Dual Color Dot Matrix LED Display
More results

Similar Description - LM7057AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM12457AB LIGHTKEY-LM12457AB Datasheet
133Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7057ABRG LIGHTKEY-LM7057ABRG Datasheet
74Kb / 3P
   LM7057A/BRG Series - 0.70 inch 5x7 Dual Color Dot Matrix LED Display
LM7057GH LIGHTKEY-LM7057GH Datasheet
249Kb / 3P
   LM7057G/H Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7088AB LIGHTKEY-LM7088AB Datasheet
131Kb / 3P
   LM7088A/B Series - 0.70 inch 8x8 Dot Matrix LED Display
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM30057AB LIGHTKEY-LM30057AB Datasheet
139Kb / 3P
   LM30057A/B Series . 3.00 inch 5x7 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com