Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5225D Datasheet(PDF) 7 Page - Sanken electric

Part # LC5225D
Description  Off-Line DC / DC LED Driver ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5225D Datasheet(HTML) 7 Page - Sanken electric

Back Button LC5225D Datasheet HTML 3Page - Sanken electric LC5225D Datasheet HTML 4Page - Sanken electric LC5225D Datasheet HTML 5Page - Sanken electric LC5225D Datasheet HTML 6Page - Sanken electric LC5225D Datasheet HTML 7Page - Sanken electric LC5225D Datasheet HTML 8Page - Sanken electric LC5225D Datasheet HTML 9Page - Sanken electric LC5225D Datasheet HTML 10Page - Sanken electric LC5225D Datasheet HTML 11Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Reference Components List of a Buck Configuration Circuit
(refer to Typical Application diagram); Input voltage: 100 VAC, LED output voltage: 15 V,
LED peak output current : 0.3 A
Name
Type
Value
Description
LED
LED
User-defined
L1
Inductor
1 mH / 1 A
Choke coil for smoothing current
D1
Fast recovery
rectifier diode
RD2A
Free-wheeling diode for recirculation
CIN
Capacitor
Up to 4.7 μF / 450 V
Main supply source filtering capacitor; 1 nF or higher can be used
C1
Capacitor
0.1 μF / 25 V
Internal regulator stabilizing capacitor
C2
Capacitor
1000 pF (to 0.1 μF) / 25 V
REF pin voltage stabilizing capacitor
C3
Capacitor
0.1 μF / 250 V
Smoothing capacitor for reducing LED ripple current (Optional)
CPWM
Capacitor
100 pF / 25 V
PWM off-time setting capacitor (internal PWM control)
R1
Resistor
620 kΩ / 1/8 W
Resistor for setting peak output current on OUT pin
R2
Resistor
51 kΩ / 1/8 W
Resistor for setting peak output current on OUT pin
RS
Resistor
1.0 Ω / 1 W
Resistor for output current detection
Note: Because no specific application or noise factor is considered in the typical application circuit diagrammed, it is required
that the user takes into consideration such issues during designing. Moreover, the above values are only reference examples. It
is required to change components according to the LED load and other conditions which are actually used.
LC5222D/25D and
LC5222S/25S
7
SANKEN ELECTRIC CO., LTD.
LC5222D/25D_22S/25S-DS
Off-Line DC/DC LED Driver ICs
August 8, 2012


Similar Part No. - LC5225D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
More results

Similar Description - LC5225D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
logo
Microchip Technology
HV9805 MICROCHIP-HV9805 Datasheet
491Kb / 34P
   Off-Line LED Driver with True DC Output Current
01/27/15
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
   DC-DC LED driver
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
   Simple Off-Line/PFC & >9V DC/DC Switcher
logo
Toshiba Semiconductor
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com