Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDLL5818 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CDLL5818
Description  1 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CDLL5818 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CDLL5818 Datasheet HTML 1Page - Compensated Deuices Incorporated CDLL5818 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
CDI
WORKING PEAK
MAXIMUM REVERSE
TYPE
REVERSE
MAXIMUM FORWARD VOLTAGE
LEAKAGE CURRENT
NUMBER
VOLTAGE
AT RATED VOLTAGE
VRWM
VF @ 0.1A
VF @ 1.0A
VF @ 3.1A
IR @ +25°C
IR @ +100°C
VOLTS
VOLTS
VOLTS
VOLTS
mA
mA
CDLL5817
20
0.36
0.60
0.9
0.1
5.0
CDLL5818
30
0.36
0.60
0.9
0.1
5.0
CDLL5819
40
0.36
0.60
0.9
0.1
5.0
J,JX,JV & JS
45
0.34
0.49
0.8
0.05
5.0
5819UR-1
CDLL6759
60
0.38
0.69
N/A
0.1
6.0
CDLL6760
80
0.38
0.69
N/A
0.1
6.0
CDLL6761
100
0.38
0.69
N/A
0.1
6.0
J,JX,JV & JS
100
0.38
0.69
N/A
0.10
12.0
6761UR-1
CDLL1A20
20
0.36
0.60
0.9
0.1
5.0
CDLL1A30
30
0.36
0.60
0.9
0.1
5.0
CDLL1A40
40
0.36
0.60
0.9
0.1
5.0
CDLL1A50
50
0.36
0.60
0.9
0.1
5.0
CDLL1A60
60
0.38
0.69
N/A
0.1
12.0
CDLL1A80
80
0.38
0.69
N/A
0.1
12.0
CDLL1A100
100
0.38
0.69
N/A
0.1
12.0
• 1N5819UR-1 AND 1N6761UR-1 AVAILABLE IN
JAN, JANTX, JANTXV
AND JANS PER MIL-PRF-19500/586
• 1 AMP SCHOTTKY BARRIER RECTIFIERS
• HERMETICALLY SEALED
• LEADLESS PACKAGE FOR SURFACE MOUNT
• METALLURGICALLY BONDED
1N5819UR
and
CDLL5817 thru CDLL5819
and
CDLL6759 thru CDLL6761
and
CDLL1A20 thru CDLL1A100
FIGURE 1
DESIGN DATA
CASE: DO-213AB, Hermetically sealed
glass case. (MELF, LL41)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
40 ˚C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZOJX): 12
˚C/W maximum
POLARITY: Cathode end is banded.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
MAXIMUM RATINGS
Operating Temperature: -55°C to +125°C
Storage Temperature: -55°C to +150°C
Average Rectified Forward Current: 1.0 AMP @TEC = +55°C
Derating: 14 mA / °C above TEC = +55°C
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
2.39
2.66
.094
.105
F
0.41
0.55
.016
.022
G
4.80
5.20
.189
.205
G1
4.11 REF.
.159 REF.
S
0.03 MIN.
.001 MIN.


Similar Part No. - CDLL5818

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CDLL5818 MICROSEMI-CDLL5818 Datasheet
48Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - CDLL5818

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SK102 DEC-SK102 Datasheet
424Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
SBDA-101-1B DEC-SBDA-101-1B Datasheet
419Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5819 MICROSEMI-1N5819 Datasheet
42Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
1N5818-1 MICROSEMI-1N5818-1 Datasheet
434Kb / 6P
   1 Amp Schottky Barrier Rectifiers
Rev. 1
logo
Compensated Deuices Inc...
1N5819 CDI-DIODE-1N5819 Datasheet
37Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5819UR MICROSEMI-1N5819UR Datasheet
48Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIOTEC Electronics Corp...
1N5817 DEC-1N5817 Datasheet
400Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
SBDA-102-1B DEC-SBDA-102-1B Datasheet
426Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
New Jersey Semi-Conduct...
SK102 NJSEMI-SK102 Datasheet
82Kb / 1P
   1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5818UR-1 MICROSEMI-1N5818UR-1 Datasheet
311Kb / 6P
   1 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com