Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60216 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 60216
Description  Wiha Quality Tools Wiha 3/8 Sockets & Sets
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60216 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  60216 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
219
Wiha 3/8” Sockets & Sets
3/8” Sockets - 12 Point
Hard chrome finish, fully polished with ball retaining groove.
Item
No.
Inch
Inch
wt.
602 10
1/4
1.00
.02
602 11
9/32
1.00
.02
602 12
5/16
1.00
.02
602 13
11/32
1.00
.02
602 14
3/8
1.00
.02
602 15
7/16
1.00
.02
602 16
1/2
1.00
.02
602 17
9/16
1.04
.03
602 18
19/32
1.06
.03
602 19
5/8
1.06
.03
602 20
21/32
1.06
.04
602 21
11/16
1.06
.05
602 22
3/4
1.14
.05
602 23
25/32
1.14
.05
602 24
13/16
1.14
.05
602 25
7/8
1.22
.05
602
23 pc. 12 Point Socket Set Inch
Hard chrome finish, fully polished with ball retaining groove.
Item No.
602 93
Set includes the following:
1/4, 9/32, 5/16, 11/32, 3/8, 7/16, 1/2, 9/16, 19/32,
5/8, 21/32, 11/16, 3/4, 25/32, 13/16, 7/8”
60266- 3/8” Rev. Ratchet Varicat - 7.9” - 32 tooth
3/8” Slotted Screwdriver Bit Socket
60248- 3/8” Speed Brace - 11.8”
lbs.
60250- 3/8” Sliding T-handle - 7.9”
5.34
60251- 3/8” Extension Bar - 4.9”
60255- 3/8” Extension Bar - 9.8”
60257- 3/8” Universal Joint - 2.0”
602 93
15 pc. 12 Point Socket Set Inch
Hard chrome finish, fully polished with ball retaining groove.
Item No.
602 95
Set includes the following:
1/4, 5/16, 11/32, 3/8, 7/16, 1/2, 9/16, 19/32,
lbs.
5/8, 21/32, 11/16, 3/4”
2.85
60266- 3/8” Rev. Ratchet Varicat - 7.9” - 32 tooth
60251- 3/8” Extension Bar - 4.9”
60257- 3/8” Universal Joint - 2.0”
602 95
INCH
Wiha 3/8” Drive Socket Sets On Rails
12 Piece 3/8” Sockets 12 Point Inch
3/8” Square Drive Socket.
Item No.
602 97
Set includes the following:
lbs.
3/8” Hex Inch: 1/4, 9/32, 5/16, 11/32, 3/8, 7/16,
.96
1/2, 9/16, 19/32, 5/8, 11/16, 3/4”
602 97
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 60216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
60216 ETC2-60216 Datasheet
298Kb / 9P
   60132 Circuit Breaker
More results

Similar Description - 60216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
76395 ETC2-76395 Datasheet
789Kb / 2P
   Wiha Quality Tools Wiha Socket Sets On Molded Rails
44222 ETC2-44222 Datasheet
379Kb / 1P
   Wiha Quality Tools
20011 ETC2-20011 Datasheet
129Kb / 1P
   Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
   Wiha Quality Tools
74309 ETC2-74309 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
31-328 ETC2-31-328 Datasheet
259Kb / 1P
   Wiha Insulated 1/4 Sockets & Sets
71322 ETC2-71322 Datasheet
170Kb / 1P
   Wiha Sockets
36590 ETC2-36590 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
80050 ETC2-80050 Datasheet
211Kb / 1P
   Wiha Quality Tools Dead Blow and Sledge Hammers
71201 ETC2-71201 Datasheet
470Kb / 2P
   Wiha Quality Tools Toll Free: (800) 494-6104
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com