Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRZ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # XRZ
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XRZ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button XRZ Datasheet HTML 6Page - List of Unclassifed Manufacturers XRZ Datasheet HTML 7Page - List of Unclassifed Manufacturers XRZ Datasheet HTML 8Page - List of Unclassifed Manufacturers XRZ Datasheet HTML 9Page - List of Unclassifed Manufacturers XRZ Datasheet HTML 10Page - List of Unclassifed Manufacturers XRZ Datasheet HTML 11Page - List of Unclassifed Manufacturers XRZ Datasheet HTML 12Page - List of Unclassifed Manufacturers XRZ Datasheet HTML 13Page - List of Unclassifed Manufacturers XRZ Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
Part Number
Description
XK-(color)
Micro-Hook Double Gripper
Colors: Available in 10 standard colors. See inside back cover for details.
Standard M
Model CConstruction:
Durable nylon body and plunger. Two contact blades of gold-
plated stainless steel are connected directly to lead wire. The two
blades are retracted by a single stainless steel compression
spring. All XKs purchased with factory installed leads (ex. AXK,
213XK) are made with stainless steel blades.
Part is field serviceable (see page 1).
The double gripper is designed for hard to make test connections of varying sizes
and shapes. The narrow configuration allows stacking of the test connectors side
by side for high density IC packages.
E-ZZ M
MICRO-HHOOK: XK DDOUBLE G
GRIPPER
XK25SS
MICRO-HHOOK DDOUBLE GRIPPER W
WITH
.025” SSQUARE PPIN
Construction:
Identical to standard XK model except a .025” square post is accessible through
lead exit hole in plunger. Post is designed for easy snap-on connection to .025”
(.635mm) square or .030” (.762mm) diameter patch cords.
Part Number
Description
XK25SS-(color)
XK with .025” Square Pin
Standard cconstruction:
Body and plunger are molded in durable nylon. Contact blade is made of
stainless steel. Blade is formed into two hooks and two .025" square
pins. Square pins exit plunger on either side and permit connection to
.025" square or .030" diameter sockets. Compression spring is made of
stainless steel.
The double gripper is designed for hard to make test connections of
varying sizes and shapes. The double hooks assure a solid contact with
easy-to-use spring loaded design.The narrow nose configuration is ideal
for side-by-side stacking of the test connectors.
E-ZZ M
MICRO-HHOOK: XKM DDOUBLE G
GRIPPER
Colors: Available in 10 standard colors. See inside back cover for details.
7
E-ZZ-HHook llead ooptions: Use with .025” or .030” socket patch cords on pages 52-53.
E-ZZ-HHook llead ooptions: Use with .025” or .030” socket patch cords on pages 52-53.
XKM
XK
Orrderr DDesk: 11 ((800) 9995-HHOOK
Part Number
Description
XKM-(color)
E-Z-Micro Double Gripper
Actual SSize
Actual SSize


Similar Description - XRZ

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL221R020 AMETHERM-SL221R020 Datasheet
44Kb / 1P
   Reliability Delivered On Time
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
   Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
   Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
   Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
   Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com