Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR25-NM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XR25-NM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XR25-NM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XR25-NM Datasheet HTML 2Page - List of Unclassifed Manufacturers XR25-NM Datasheet HTML 3Page - List of Unclassifed Manufacturers XR25-NM Datasheet HTML 4Page - List of Unclassifed Manufacturers XR25-NM Datasheet HTML 5Page - List of Unclassifed Manufacturers XR25-NM Datasheet HTML 6Page - List of Unclassifed Manufacturers XR25-NM Datasheet HTML 7Page - List of Unclassifed Manufacturers XR25-NM Datasheet HTML 8Page - List of Unclassifed Manufacturers XR25-NM Datasheet HTML 9Page - List of Unclassifed Manufacturers XR25-NM Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 122 page
background image
E-ZZ-M
MICRO-HHOOK :: XX2015
Part Number
Description
X2015
Micro Double Hook
Standard M
Model CConstruction:
All molded plastic parts are durable nylon. Double contact hooks,
extension tubes and return spring are all made of stainless steel.
Extension tubes are fully insulated. The .030” diameter contact
pin is gold plated nickel copper. Pin permits connection to any
.030” diameter socket.
Features:
- Designed for use with surface mount devices or where
connection point is small
- Double hook connects to items of .025” (.635mm) lead
spacing or greater
- Hooks and .030” pin plug are directly connected to ensure
accurate reading. No sliding contact points
- Design allows for easy connection in tight space
- Insulated shaft allows for simultaneous side by side
connections
Colors: Available in 10 colors. See inside back cover for details.
3
E-ZZ-HHook llead ooptions: Use with .030” socket patch cords on pages 52-53.
X2015
Orrderr DDesk: 11 ((800) 9995-HHOOK
Actual SSize


Similar Part No. - XR25-NM

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
XR25FF3 VMI-XR25FF3 Datasheet
460Kb / 1P
   H. V. Controlled Avalanche Rectifiers - Axial Lead 0.050A - 0.20A ??30ns - 3000ns
XR25FF5 VMI-XR25FF5 Datasheet
460Kb / 1P
   H. V. Controlled Avalanche Rectifiers - Axial Lead 0.050A - 0.20A ??30ns - 3000ns
XR25SG VMI-XR25SG Datasheet
460Kb / 1P
   H. V. Controlled Avalanche Rectifiers - Axial Lead 0.050A - 0.20A ??30ns - 3000ns
XR25UFG VMI-XR25UFG Datasheet
460Kb / 1P
   H. V. Controlled Avalanche Rectifiers - Axial Lead 0.050A - 0.20A ??30ns - 3000ns
More results

Similar Description - XR25-NM

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL221R020 AMETHERM-SL221R020 Datasheet
44Kb / 1P
   Reliability Delivered On Time
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
   Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
   Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
   Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
   Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com