Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC3503CSTU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC3503CSTU
Description  NPN Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC3503CSTU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC3503CSTU Datasheet HTML 1Page - Fairchild Semiconductor KSC3503CSTU Datasheet HTML 2Page - Fairchild Semiconductor KSC3503CSTU Datasheet HTML 3Page - Fairchild Semiconductor KSC3503CSTU Datasheet HTML 4Page - Fairchild Semiconductor KSC3503CSTU Datasheet HTML 5Page - Fairchild Semiconductor KSC3503CSTU Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SC3503/KSC3503 Rev. A1
2
Electrical Characteristics* T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤300µs, Duty Cycle≤2%
Ordering Information
* 1. Affix “-S-” means the standard TO126 Package.(see package dimensions). If the affix is ”-STS-” instead of “-S-”, that mean the short-lead TO126 package.
2. Suffix “-TU” means the tube packing, The Suffix “TU” could be replaced to other suffix character as packing method.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = 10µA, IE = 0
300
V
BVCEO
Collecto- Emitter Breakdown Voltage
IC = 1mA, IB = 0
300
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 10µA, IC = 0
5
V
ICBO
Collector Cut-off Current
VCB = 200V, IE = 0
0.1
µA
IEBO
Emitter Cut-off Current
VEB = 4V, IC = 0
0.1
µA
hFE
DC Current Gain
VCE = 10V, IC = 10mA
40
320
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 20mA, IB = 2mA
0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 20mA, IB = 2mA
1
V
fT
Current Gain Bandwidth Product
VCE = 30V, IC = 10mA
150
MHz
Cob
Output Capacitance
VCB = 30V, f = 1MHz
2.6
pF
Cre
Reverse Transfer Capacitance
VCB = 30V, f = 1MHz
1.8
pF
Part Number*
Marking
Package
Packing Method
Remarks
2SC3503CSTU
2SC3503C
TO-126
TUBE
hFE1 C grade
2SC3503DSTU
2SC3503D
TO-126
TUBE
hFE1 D grade
2SC3503ESTU
2SC3503E
TO-126
TUBE
hFE1 E grade
2SC3503FSTU
2SC3503F
TO-126
TUBE
hFE1 F grade
KSC3503CSTU
C3503C
TO-126
TUBE
hFE1 C grade
KSC3503DSTU
C3503D
TO-126
TUBE
hFE1 D grade
KSC3503ESTU
C3503E
TO-126
TUBE
hFE1 E grade
KSC3503FSTU
C3503F
TO-126
TUBE
hFE1 F grade


Similar Part No. - KSC3503CSTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC3503CSTU FAIRCHILD-KSC3503CSTU Datasheet
154Kb / 6P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - KSC3503CSTU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com