Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

204W Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 204W
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

204W Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  204W Datasheet HTML 1Page - List of Unclassifed Manufacturers 204W Datasheet HTML 2Page - List of Unclassifed Manufacturers 204W Datasheet HTML 3Page - List of Unclassifed Manufacturers 204W Datasheet HTML 4Page - List of Unclassifed Manufacturers 204W Datasheet HTML 5Page - List of Unclassifed Manufacturers 204W Datasheet HTML 6Page - List of Unclassifed Manufacturers 204W Datasheet HTML 7Page - List of Unclassifed Manufacturers 204W Datasheet HTML 8Page - List of Unclassifed Manufacturers 204W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 122 page
background image
WIRE G
GAUGE TTABLE
AWG
Diameter, Area, ccircular
AWG
Diameter, Area, ccircular
AWG
Diameter, Area, ccircular
mils,d
mils, dd2
mils, dd
mils, dd2
mils,d
mils, dd2
0000
460.00
211,600
12
80.808
6,529.9
27
14.195
201.50
000
409.64
167,805
13
71.961
5,178.4
28
12.641
159.79
00
364.80
133,079
14
64.084
4,106.8
29
11.257
126.72
0
324.86
105,534
15
57.068
3,256.8
30
10.025
100.50
1
289.30
83,694
16
50.820
2,582.7
31
8.928
79.71
2
257.63
66,373
17
45.257
2,048.2
32
7.950
63.20
3
229.42
52,634
18
40.303
1,624.3
33
7.080
50.13
4
204.31
41,743
19
35.890
1,288.1
34
6.305
39.75
5
181.94
33,102
20
31.961
1,021.5
35
5.615
31.53
6
162.02
26,250
21
28.465
810.10
36
5.000
25.00
7
144.28
20,817
22
25.347
642.47
37
4.453
19.83
8
129.49
16,768
23
22.571
509.45
38
3.965
15.72
9
114.43
13,094
24
20.100
404.01
39
3.531
12.47
10
101.89
10,382
25
17.900
320.41
40
3.145
9.89
11
90.742
8,234.1
26
15.940
254.08
METRIC EEQUIVALENT TTABLE
Frac.
Inches
mm
Frac.
Inches
mm
Frac.
Inches
mm
Frac.
Inches
mm
Frac.
Inches
mm
.01
.254
.17
4.318
.39
9.906
.60
15.240 13/16 .8125
20.637
1 /64
.01563
.397 11/64
.17188 4.366 25/64 .39063
9.922 39/64 .60939 15.478
.82
20.828
.02
.508
.18
4.572
.40
10.160
.61
15.494 53/64 .82813 21.034
.025
.635 3/16
.1875
4.762 13/32 .40625 10.319
.62
15.748
.83
21.082
.03
.762
.19
4.862
.41
10.414 5/8
.625
15.875
.84
21.336
1/32
.03125
.794
.20
5.080
.42
10.668
.63
16.002 27/32 .84375 21.431
.035
.889 13/64
.20313 5.159 27/64 .42188 10.716
.64
16.256
.85
21.590
.04
1.016
.21
5.334
.43
10.922 41/64 .64063 16.272 55/64 .85938 21.828
.045
1.143 7/32
.21875 5.556 7/16
.4375
11.113
.65
16.510
.86
21.844
3/64
.04688
1.191
.22
5.588
.44
11.176 21/32 .65625 16.669
.87
22.098
.05
1.270
.23
5.842
.45
11.430
.66
16.764 7/8
.875
22.225
.055
1.397 15/64
.23438 5.953 29/64 .45313 11.509
.67
17.018
.88
22.352
.06
1.524
.24
6.096
.46
11.684 43/64 .67188 17.065
.89
22.606
1/16
.0625
1.587 1/4
.250
6.35
15/32 .46875 11.906
.68
17.272 57/64 .89063 22.622
.065
1.651
.26
6.604
.47
11.939 11/16. .6875
17.462
.90
22.860
.07
1.778 17/64
.26563 6.747
.48
12.192
.69
17.526 29/32 .90625 23.019
.075
1.905
.27
6.858 31/64 .48438 12.303
.70
17.780
.91
23.114
5/64
.07813
1.964
.28
7.112
.49
12.446 45/64 .70313 17.859
.92
23.368
.08
2.032 9/32
.28125 7.144 1/2
.50
12.700
.71
18.034 59/64 .92188 23.415
.085
2.159
.29
7.366
.51
12.954 23/32 .71875 18.256
.93
23.622
.09
2.286 19/64
.29688 7.541 33/64 .51563 13.097
.72
18.288 15/16 .9375
23.812
3/32
.09375
2.381
.30
7.620
.52
13.208
.73
18.542
.94
23.876
.095
2.413 5/16
.3125
7.937
.53
13.462 47/64 .73438 18.653
.95
24.130
.10
2.540
.32
8.128 17/32 .53125 13.494
.74
18.796 61/64 .95313 24.209
7/64
.10938
2.778 21/64
.32813 8.334
.54
13.716 3/4
.750
19.050
.96
24.383
.11
2.794
.33
8.382 35/64 .54688 13.890
.76
19.304 31/32 .96875 24.608
.12
3.048
.34
8.636
.55
13.970 49/64 .76563 19.447
.97
24.638
1/8
.125
3.175 11/32
.34375 8.731
.56
14.224
.77
19.558
.98
24.892
.13
3.302
.35
8.890 9/16
.5625
14.287
.78
19.812 63/64 .98438 25.006
.14
3.556 23/64
.35938 9.128
.57
14.478 25/32 .78125 19.844
.99
25.146
9/64
.14063
3.572
.36
9.144 37/64 .57813 14.684
.79
20.066 1.00
1.000
25.400
.15
3.810
.37
9.398
.58
14.732 51/64 .79688 20.240
5/32
.15625
3.969 3/8
.375
9.525
.59
14.986
.80
20.320
.16
4.064
.38
9.562 19/32 .59375 15.081
.81
20.574
E-ZZ-HHOOK CCONVERSION TTABLES
2
www.e-zz-hhooook.coom
m


Similar Part No. - 204W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
204W511 TEC-204W511 Datasheet
295Kb / 2P
   control drawing
204W511-25-0 TEC-204W511-25-0 Datasheet
295Kb / 2P
   control drawing
More results

Similar Description - 204W

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL221R020 AMETHERM-SL221R020 Datasheet
44Kb / 1P
   Reliability Delivered On Time
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
   Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
   Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
   Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
   Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com