Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

76396 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 76396
Description  Wiha Quality Tools Wiha Socket Sets On Molded Rails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

76396 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  76396 Datasheet HTML 1Page - List of Unclassifed Manufacturers 76396 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
Germany
214
Wiha Socket Sets On Molded Rails
Wiha E-TORX® Socket Set On Molded Rails
8 pc. Hex Inch Socket Set
3/8” Square Drive Replaceable Bit Socket. 1/4” Bits CVM tool steel.
OAL 1.65”
Item No.
713 92
lbs.
Set includes the following:
.78
1/8, 9/64, 5/32, 3/16, 7/32,
1/4, 5/16, 3/8”
713 92
10 pc. Hex Inch Socket Set
1/4” Square drive replaceable bit socket. Bits CVM tool steel.
OAL 1.5”
Item No.
713 91
lbs.
Set includes the following:
.48
1/16, 5/64, 3/32, 7/64, 1/8
9/64, 5/32, 3/16, 7/32, 1/4”
713 91
9 pc. Hex Metric Socket Set
1/4” & 3/8” Square Drive Replaceable Bit Socket. 1/4” Bits CVM tool
steel. OAL 1.65”
Item No.
719 96
lbs.
Set includes the following:
.65
1/4”: 1.5, 2.0, 2.5, 3.0, 4.0mm
3/8”: 5.0, 6.0, 8.0, 10.0mm
719 96
5 pc. Hex Metric Socket Set
3/8” Square Drive Replaceable Bit Socket. 1/4” Bits Chrome-
vanadium-molybdenum tool steel.
Item No.
713 94
lbs.
Set includes the following:
.56
Hex Metric: 4.0, 5.0, 6.0,
8.0, 10.0mm
713 94
9 pc. Tamper Resistant Hex Inch Socket Set
3/8” Square Drive Replaceable Bit Socket. 1/4” Bits CVM tool steel.
Item No.
719 99
lbs.
Set includes the following:
.83
Tamper Resistant Hex Inch: 5/64, 3/32, 7/64,
1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
719 99
5 pc. Hex Inch Socket Set
3/8” Square Drive Replaceable Bit Socket. 1/4” Bits CVM tool steel.
Item No.
713 93
lbs.
Set includes the following:
.54
Hex Inch: 1/8, 3/16, 1/4,
5/16, 3/8”
713 93
8 pc. E-
Socket Set
Item No.
773 91
lbs.
Set includes the following:
.62
1/4” drive: E6, E7, E8, E10
3/8” drive: E12, E14
1/2” drive: E16, E18
773 91
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 76396

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7639 ETC2-7639 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
logo
Vishay Siliconix
76391E3 VISHAY-76391E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 76396

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
60213 ETC2-60213 Datasheet
191Kb / 1P
   Wiha Quality Tools Wiha 3/8 Sockets & Sets
44222 ETC2-44222 Datasheet
379Kb / 1P
   Wiha Quality Tools
20011 ETC2-20011 Datasheet
129Kb / 1P
   Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
   Wiha Quality Tools
74309 ETC2-74309 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
36590 ETC2-36590 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
80050 ETC2-80050 Datasheet
211Kb / 1P
   Wiha Quality Tools Dead Blow and Sledge Hammers
71201 ETC2-71201 Datasheet
470Kb / 2P
   Wiha Quality Tools Toll Free: (800) 494-6104
32668 ETC2-32668 Datasheet
319Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
28143 ETC2-28143 Datasheet
122Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com