Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

216W Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 216W
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

216W Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 216W Datasheet HTML 5Page - List of Unclassifed Manufacturers 216W Datasheet HTML 6Page - List of Unclassifed Manufacturers 216W Datasheet HTML 7Page - List of Unclassifed Manufacturers 216W Datasheet HTML 8Page - List of Unclassifed Manufacturers 216W Datasheet HTML 9Page - List of Unclassifed Manufacturers 216W Datasheet HTML 10Page - List of Unclassifed Manufacturers 216W Datasheet HTML 11Page - List of Unclassifed Manufacturers 216W Datasheet HTML 12Page - List of Unclassifed Manufacturers 216W Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
E-ZZ M
MICRO-HHOOK: XM
The XM Micro-Hook is designed for use where weight and leverage may
damage components. Its lightweight body (less than 1 gram) and hypo-action
easily allows for direct hook up to delicate wires and components. Insulation
to a single contact point assures accurate readings and the barrier on the tip
prevents shorting between components.
Colors: Available in 10 colors. See inside back cover for details.
Part Number
Description
XM-(color)
Micro-Hook Test Connector
Construction: One-piece beryllium copper, gold-plated conductor
and hook. Made for connections over component leads up to
.025” (.635mm) diameter. Durable nylon body and plunger.
Stainless steel compression coil spring provides approximately 8
ounces (227 grams) contact pressure.
Part is field serviceable (see page 1).
XM MICRO HOOK WITH ..025” SSQUARE PPIN
Part Number
Description
XM25-((color)
XM with .025” Square Pin
Construction: Identical to standard XM model except a one-piece gold-
plated beryllium copper blade forms hook, conductor and .025”
(.635mm) square pin. Pin is accessible through lead exit slot in plunger
and permits connection to .025” square or .030” round sockets.
XM
Part Number
Description
XM25SS-((color) XM with .025” Square Pin, Stainless Steel
Construction: Identical to XM25 model except blade is stainless steel.
XM N
NON-M
MAGNETIC
Construction: Identical to standard XM model except spring is non-
magnetic.
Part Number
Description
XM-N
NM-(color)
Non-Magnetic, Micro-Hook
Note: Add -N
NM after part number to indicate non-magnetic XM hook.
(ex. XM-NM-color ).
Part Number
For PC Board
Dimensions
Hole Diameters
A
XG25-(color) .025” (.635mm)
.023”
.027” (.686mm)
(.584mm)
XG31-(color) .031” (.787mm)
.028”
.033” (.838mm)
(.711mm)
XG40-(color) .040” (1.016mm)
.034”
.042” (1.066mm) (.863mm)
The E-Z-Micro-Lock XG series test connectors are designed to slip into plated-
through PC board test point holes and lock onto the board freeing your hands
and providing a safe, sure, short-free test connection. Available in 3 sizes to fit
holes ranging from .025” (.635mm) to .042” (1.066mm) diameters.
Construction: One-piece beryllium copper, gold-plated conductor
and closed-design hook in 3 sizes to fit specific PC board holes.
See part number box above. Durable nylon body and plunger.
Stainless steel compression coil spring provides approximately 8
ounces (227 grams) contact pressure.
Fits diameters
Fits diameters
Fits diameters
.025” ( 635mm) to
.031” ( 787mm) to
.040” (l.016mm) to
.027” ( .638mm)
.033” ( 838mm)
.042” (1.066mm)
E-ZZ M
MICRO-LLOCK HHOOK: XG
XM HHIGH TTEMPERATURE
Construction: Identical to standard XM model except body and plunger are
molded of mineral reinforced nylon for maximum temperature of 150OC
(300OF) over short time cycles. Over extended time periods, maximum
temperature is 122OC (250OF). Resistant to a wide variety of oils, solvents
and chemicals.
Colors: Black and white.
Part Number
Description
XMX-(color)
High Temperature Micro-Hook
XM MICRO HOOK WITH ..025” SSQUARE PPIN, SSTAINLESS STEEL
Colors: Available in 10 colors. See inside back cover for details.
6
E-ZZ-HHook llead ooptions: Use with .025” or .030” socket patch cords on
pages 52-53.
XG
www.e-zz-hhooook.coom
m
Actual SSize
Actual SSize


Similar Part No. - 216W

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
216 RFSOLUTIONS-216 Datasheet
396Kb / 11P
   Modular Radio Telemetry System
logo
Marl International Limi...
216 MARL-216 Datasheet
220Kb / 4P
   Direct replacement for BA22
logo
Alpha Wire
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
   Mini 7/8" Female 3 Pin Field Attachable
logo
Aries Electronics, Inc.
216 ARIES-216 Datasheet
1Mb / 2P
   Easy Identification and Tracing with 10-color Cable
logo
Littelfuse
216 LITTELFUSE-216 Datasheet
1Mb / 4P
   5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
More results

Similar Description - 216W

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL221R020 AMETHERM-SL221R020 Datasheet
44Kb / 1P
   Reliability Delivered On Time
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
   Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
   Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
   Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
   Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com