Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3031AR Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD3031AR
Description  LD3031A/B Series - 0.30 inch Three Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD3031AR Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD3031AR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD3031AR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD3031AR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121666
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.30 inch Three Digit 7 Segment LED Display
Internal Circuit Diagram
LD3031A (Common Cathode)
LD3031B (Common Anode)
Selection Guide
Three Digit 7 Segment LED Display, Digit Height: 8.00mm(0.30 inch), External Dimensions:
22.00x14.00x7.20mm (L x W x H)
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD3031AR
LD3031BR
GaAlAs
Super Red
640
8
10
8
10
LD3031AD
LD3031BD
GaAlAs
Hi-Red
640
18
25
18
25
LD3031AO
LD3031BO
GaAsP
Orange
625
7
9
7
9
LD3031AY
LD3031BY
GaAsP
Yellow
588
8
10
8
10
LD3031AG
LD3031BG
GaP
Green
568
7
9
7
9
LD3031AUR
LD3031BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD3031AUO
LD3031BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD3031AUA
LD3031BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD3031AUY
LD3031BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD3031AUG
LD3031BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD3031APG
LD3031BPG
InGaN
Pure Green
525
120
300
120
300
LD3031AUB
LD3031BUB
InGaN
Ultra Blue
470
30
45
30
45
LD3031AUW
LD3031BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD3031AR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD30011AB LIGHTKEY-LD30011AB Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011ABRG LIGHTKEY-LD30011ABRG Datasheet
108Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AD LIGHTKEY-LD30011AD Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AG LIGHTKEY-LD30011AG Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AO LIGHTKEY-LD30011AO Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD3031AR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD3014AB LIGHTKEY-LD3014AB Datasheet
152Kb / 3P
   LD3014A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3021AB LIGHTKEY-LD3021AB Datasheet
157Kb / 3P
   LD3021A/B Series - 0.30 inch dual Digit 7 Segment LED Display
LD3011AB LIGHTKEY-LD3011AB Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD2531 LIGHTKEY-LD2531 Datasheet
178Kb / 3P
   LD2531A/B Series - 0.25 inch Three Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631CD LIGHTKEY-LD5631CD Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5636AB LIGHTKEY-LD5636AB Datasheet
193Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD8031CD LIGHTKEY-LD8031CD Datasheet
72Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8031AB LIGHTKEY-LD8031AB Datasheet
71Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com