Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93922-XYYH Datasheet(PDF) 6 Page - FCI connector

Part # 93922-XYYH
Description  BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

93922-XYYH Datasheet(HTML) 6 Page - FCI connector

  93922-XYYH Datasheet HTML 1Page - FCI connector 93922-XYYH Datasheet HTML 2Page - FCI connector 93922-XYYH Datasheet HTML 3Page - FCI connector 93922-XYYH Datasheet HTML 4Page - FCI connector 93922-XYYH Datasheet HTML 5Page - FCI connector 93922-XYYH Datasheet HTML 6Page - FCI connector 93922-XYYH Datasheet HTML 7Page - FCI connector 93922-XYYH Datasheet HTML 8Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PDS: Rev :DA
STATUS:Released
Printed: Oct 29, 2013


Similar Part No. - 93922-XYYH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9392 ETC2-9392 Datasheet
1Mb / 22P
   300V Power-Limited Tray Cables ??Overview
logo
Belden Inc.
9392 BELDEN-9392 Datasheet
209Kb / 2P
   High Perform Instr, 15 Pr #18 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
9392-0601000 BELDEN-9392-0601000 Datasheet
209Kb / 2P
   High Perform Instr, 15 Pr #18 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
9392-060500 BELDEN-9392-060500 Datasheet
209Kb / 2P
   High Perform Instr, 15 Pr #18 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
More results

Similar Description - 93922-XYYH

ManufacturerPart #DatasheetDescription
logo
FCI connector
68466-102HLF FCI-CONNECTOR-68466-102HLF Datasheet
707Kb / 8P
   BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
68002-205HLF FCI-CONNECTOR-68002-205HLF Datasheet
708Kb / 9P
   BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
68000-200H FCI-CONNECTOR-68000-200H Datasheet
699Kb / 8P
   BERGSTIK II HEADER.100 2.54CC SR STRAIGHT
68000 FCI-CONNECTOR-68000 Datasheet
699Kb / 8P
   BERGSTIK II HEADER.100/2.54cc SR STRAIGHT
68000-103HLF FCI-CONNECTOR-68000-103HLF Datasheet
699Kb / 8P
   BERGSTIK II HEADER.100/2.54CC SR STRAIGHT
87827-536H FCI-CONNECTOR-87827-536H Datasheet
699Kb / 8P
   BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
logo
List of Unclassifed Man...
78998-136 ETC2-78998-136 Datasheet
707Kb / 8P
   BERGSTIK II HEADER 100 2.54cc SR STRAIGHT
logo
FCI connector
68001-203HLF FCI-CONNECTOR-68001-203HLF Datasheet
707Kb / 8P
   BERGSTIK II HEADER .100/2.54cc SR STARIGHT
67996-402HLF FCI-CONNECTOR-67996-402HLF Datasheet
679Kb / 9P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
68691-810HLF FCI-CONNECTOR-68691-810HLF Datasheet
684Kb / 9P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com