Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8517XC55 Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8517XC55
Description  1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8517XC55 Datasheet(HTML) 4 Page - California Eastern Labs

  NX8517XC55 Datasheet HTML 1Page - California Eastern Labs NX8517XC55 Datasheet HTML 2Page - California Eastern Labs NX8517XC55 Datasheet HTML 3Page - California Eastern Labs NX8517XC55 Datasheet HTML 4Page - California Eastern Labs NX8517XC55 Datasheet HTML 5Page - California Eastern Labs NX8517XC55 Datasheet HTML 6Page - California Eastern Labs NX8517XC55 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet PL10791EJ01V0DS
4
NX8517XC Series
ELECTRO-OPTICAL CHARACTERISTICS (TC =
20 to +85C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Optical Output Power from Fiber
Pf
CW, TC = 25
C, IF = Ith + 20 mA
2.0
mW
Operating Voltage
Vop
CW, Pf = 2.0 mW
1.1
1.6
V
Threshold Current
Ith
CW, TC = 25
C
10
20
mA
CW
50
Differential Efficiency
d
CW, Pf = 2.0 mW, TC = 25
C
0.07
0.1
W/A
CW, Pf = 2.0 mW
0.04
Peak Emission Wavelength
p
CW, Pf = 2.0 mW, RMS (
20 dB),
TC = 35
C
p2
p *1
p+2
nm
Temperature Dependence of Peak
Emission Wavelength
/T
CW
0.08
0.10
0.12
nm/
C
Side Mode Suppression Ratio
SMSR
CW, Pf = 2.0 mW
30
40
dB
Rise Time
tr
Ib = Ith, 20-80%, Pf = 2.0 mW
100
ps
Fall Time
tf
Ib = Ith, 80-20%, Pf = 2.0 mW
150
ps
Monitor Current
Im
CW, VR = 1.5 V, Pf = 1.0 mW
100
500
1 000
A
Monitor Dark Current
ID
VR = 1.5 V, TC = 25
C
0.1
50
nA
VR = 1.5 V
10
500
Tracking Error
*2
CW, Im = const. (@ Pf = 2.0 mW)
1.0
1.0
dB
Connector Repeatability
With master pigtail
1.0
1.0
dB
*1 Available for CWDM Wavelengths based on ITU-T recommendations
p = 1 470, 1 490, 1 510, 1 530, 1 550, 1 570, 1 590, 1 610 nm
Please refer to Table A.
Table A: CWDM wavelength code (@ TC = 35
C)
Wavelength Code
MIN. (nm)
TYP. (nm)
MAX. (nm)
47
1 468
1 470
1 472
49
1 488
1 490
1 492
51
1 508
1 510
1 512
53
1 528
1 530
1 532
55
1 548
1 550
1 552
57
1 568
1 570
1 572
59
1 588
1 590
1 592
61
1 608
1 610
1 612


Similar Part No. - NX8517XC55

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8517XC RENESAS-NX8517XC Datasheet
222Kb / 10P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8517XC RENESAS-NX8517XC_15 Datasheet
222Kb / 10P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - NX8517XC55

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8517XC RENESAS-NX8517XC Datasheet
222Kb / 10P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8510UD RENESAS-NX8510UD_15 Datasheet
226Kb / 11P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8517XC RENESAS-NX8517XC_15 Datasheet
222Kb / 10P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8315XC CEL-NX8315XC Datasheet
194Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8316XC RENESAS-NX8316XC_15 Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8313UD CEL-NX8313UD Datasheet
315Kb / 8P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8313UD RENESAS-NX8313UD_15 Datasheet
212Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com