Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8517XC57 Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8517XC57
Description  1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8517XC57 Datasheet(HTML) 6 Page - California Eastern Labs

  NX8517XC57 Datasheet HTML 1Page - California Eastern Labs NX8517XC57 Datasheet HTML 2Page - California Eastern Labs NX8517XC57 Datasheet HTML 3Page - California Eastern Labs NX8517XC57 Datasheet HTML 4Page - California Eastern Labs NX8517XC57 Datasheet HTML 5Page - California Eastern Labs NX8517XC57 Datasheet HTML 6Page - California Eastern Labs NX8517XC57 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Data Sheet PL10791EJ01V0DS
6
NX8517XC Series
REFERENCE
Document Name
Document No.
Opto-Electronics Devices Pamphlet
PX10160E


Similar Part No. - NX8517XC57

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8517XC RENESAS-NX8517XC Datasheet
222Kb / 10P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8517XC RENESAS-NX8517XC_15 Datasheet
222Kb / 10P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - NX8517XC57

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8517XC RENESAS-NX8517XC Datasheet
222Kb / 10P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8510UD RENESAS-NX8510UD_15 Datasheet
226Kb / 11P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8517XC RENESAS-NX8517XC_15 Datasheet
222Kb / 10P
   1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8315XC CEL-NX8315XC Datasheet
194Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8316XC RENESAS-NX8316XC_15 Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8313UD CEL-NX8313UD Datasheet
315Kb / 8P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8313UD RENESAS-NX8313UD_15 Datasheet
212Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com