Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8349XK Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8349XK
Description  LASER DIODE 1 271 to 1 331 nm AlGaInAs MQW-DFB LASER DIODE FOR 40 G BASE-LR4 APPLICATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8349XK Datasheet(HTML) 6 Page - California Eastern Labs

Back Button NX8349XK Datasheet HTML 2Page - California Eastern Labs NX8349XK Datasheet HTML 3Page - California Eastern Labs NX8349XK Datasheet HTML 4Page - California Eastern Labs NX8349XK Datasheet HTML 5Page - California Eastern Labs NX8349XK Datasheet HTML 6Page - California Eastern Labs NX8349XK Datasheet HTML 7Page - California Eastern Labs NX8349XK Datasheet HTML 8Page - California Eastern Labs NX8349XK Datasheet HTML 9Page - California Eastern Labs NX8349XK Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NX8349TS,NX8349YK,NX8349XK
Chapter Title
R08DS0002EJ0100 Rev.1.00
Page 6 of 9
Jul 26, 2010
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Storage Temperature
Tstg
40 to +95
C
Operating Case Temperature
TC
5 to +95
C
Forward Current of LD
IFLD
120
mA
Reverse Voltage of LD
VRLD
2
V
Forward Current of PD
IFPD
10
mA
Reverse Voltage of PD
VRPD
15
V
Soldering Temperature
(Flexible Printed Circuit)
Tsld
350 (10 sec.)
C
Optical Output Power
Pf
5
mW


Similar Part No. - NX8349XK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8349XK RENESAS-NX8349XK Datasheet
234Kb / 11P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results

Similar Description - NX8349XK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8350TS RENESAS-NX8350TS Datasheet
227Kb / 9P
   LASER DIODE 1 271 to 1 331 nm AlGaInAs MQW-DFB LASER DIODE FOR 40 G BASE-LR4 APPLICATION
logo
California Eastern Labs
NX8350TS CEL-NX8350TS Datasheet
276Kb / 8P
   LASER DIODE 1 271 to 1 331 nm AlGaInAs MQW-DFB LASER DIODE FOR 40 G BASE-LR4 APPLICATION
logo
Renesas Technology Corp
NX8350TS RENESAS-NX8350TS_15 Datasheet
220Kb / 9P
   LASER DIODE 1 271 to 1 331 nm AlGaInAs MQW-DFB LASER DIODE FOR 40 G BASE-LR4 APPLICATION
logo
California Eastern Labs
NX6350EP CEL-NX6350EP Datasheet
1,013Kb / 6P
   LASER DIODE 1 270/1 290/1 310/1 330 nm AlGaInAs MQW-DFB LASER DIODE FOR 40GBASE-LR4 APPLICATION
logo
Renesas Technology Corp
NX8346TS RENESAS-NX8346TS Datasheet
172Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8369TB RENESAS-NX8369TB Datasheet
213Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8369TB CEL-NX8369TB Datasheet
214Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8349TB RENESAS-NX8349TB_15 Datasheet
204Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349YK RENESAS-NX8349YK_15 Datasheet
253Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349TB RENESAS-NX8349TB Datasheet
211Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com