Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7535 Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX7535
Description  1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7535 Datasheet(HTML) 6 Page - California Eastern Labs

  NX7535 Datasheet HTML 1Page - California Eastern Labs NX7535 Datasheet HTML 2Page - California Eastern Labs NX7535 Datasheet HTML 3Page - California Eastern Labs NX7535 Datasheet HTML 4Page - California Eastern Labs NX7535 Datasheet HTML 5Page - California Eastern Labs NX7535 Datasheet HTML 6Page - California Eastern Labs NX7535 Datasheet HTML 7Page - California Eastern Labs NX7535 Datasheet HTML 8Page - California Eastern Labs NX7535 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet PL10758EJ01V0DS
6
NX7535 Series
ELECTRO-OPTICAL CHARACTERISTICS (TC = 0 to +60
C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Optical Output Power from Fiber
Pf
IFP = 200 mA,
PW = 10
s, Duty = 1%
7.5
mW
Center Wavelength
C
RMS (
20 dB), IFP = 200 mA,
PW = 10
s, Duty = 1%
1 514
1 595
nm
Spectral Width
RMS (
20 dB), IFP = 200 mA,
PW = 10
s, Duty = 1%
10
nm


Similar Part No. - NX7535

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7535 RENESAS-NX7535 Datasheet
187Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7535AN-AA RENESAS-NX7535AN-AA Datasheet
187Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7535BN-AA RENESAS-NX7535BN-AA Datasheet
187Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7535 RENESAS-NX7535_15 Datasheet
180Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
More results

Similar Description - NX7535

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7535 RENESAS-NX7535_15 Datasheet
180Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7535 RENESAS-NX7535 Datasheet
187Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
logo
California Eastern Labs
NX7539BB-AA CEL-NX7539BB-AA Datasheet
869Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA CEL-NX7537BF-AA Datasheet
887Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX7538BF-AA CEL-NX7538BF-AA Datasheet
881Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7537BF-AA RENESAS-NX7537BF-AA_15 Datasheet
168Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA_15 Datasheet
166Kb / 8P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7538BF-AA RENESAS-NX7538BF-AA Datasheet
186Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7335 RENESAS-NX7335 Datasheet
187Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com