Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7561JB-BC Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX7561JB-BC
Description  NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7561JB-BC Datasheet(HTML) 1 Page - California Eastern Labs

  NX7561JB-BC Datasheet HTML 1Page - California Eastern Labs NX7561JB-BC Datasheet HTML 2Page - California Eastern Labs NX7561JB-BC Datasheet HTML 3Page - California Eastern Labs NX7561JB-BC Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NEC's 1550 nm InGaAsP MQW FP
PULSED LASER DIODE IN DIP PACKAGE
FOR OTDR APPLICATION (135 mW MIN)
NX7561JB-BC
FEATURES
• HIGH OUTPUT POWER:
Pf = 135 mW MIN at IFP = 1000 mA,
Pulse width (PW) = 10ms, Duty = 1%
• LONG WAVELENGTH:
λC = 1550 nm
• INTERNAL THERMOELECTRIC COOLER
• HERMETICALLY SEALED 14 PIN DUAL-IN-LINE PACKAGE
• SINGLE MODE FIBER PIGTAIL
NEC's NX7561JB-BC is a 1550 nm developed strained Mul-
tiple Quantum Well (st-MQW) structure pulsed laser diode DIP
module with single mode fiber and internal thermoelectric
cooler. It is designed for light sources of optical measurement
equipment (OTDR).
DESCRIPTION
PART NUMBER
NX7561JB-BC
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VFP
Forward Voltage, CW, IF = 30 mA
V
2.5
4.0
ITH
Threshold Current, CW
mA
40
70
Pf
Optical Output Power from Fiber IFP = 1000 mA1
mW
135
IFP = 600 mA1
mW
70
IFP = 400 mA1
mW
20
λC
Center Wavelength, RMS, IFP = 400, 600, 1000 mA1
nm
1530
1550
1570
σ
Spectral Width, RMS, IFP = 400, 600, 1000 mA1
nm
6.0
10.0
tr
Rise Time, 10-90%
ns
1.0
2.0
tf
Fall Time, 90-10%
ns
1.4
2.0
Note:
1. PW = 10 µs, Duty = 1%
ELECTRO-OPTICAL CHARACTERISTICS (TLD = 25°C, TC = -20 to +65°C, unless otherwise specified)
PART NUMBER
NX7561JB-BC
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
R1
Thermistor Resistance, TLD = 25°CkΩ
9.5
10.0
10.5
B
B Constant
K
3350
3450
3550
IC
Cooler Current, ∆T = 40 K
A
0.6
0.8
VC
Cooler Voltage, ∆T = 40 K
V
1.1
1.5
∆T1
Cooling Capacity, IC = 0.8 A
K
40
ELECTRO-OPTICAL CHARACTERISTICS
APPLICABLE TO THERMISTOR AND TEC: (TLD = 25°C, TC = -20 to +65°C, unless otherwise specified)
California Eastern Laboratories
Note:
1. ∆T = | TC - TLD |.


Similar Part No. - NX7561JB-BC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7561JB-BC CEL-NX7561JB-BC Datasheet
180Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
logo
Renesas Technology Corp
NX7561JB-BC RENESAS-NX7561JB-BC Datasheet
220Kb / 10P
   LASER DIODE
2002
logo
California Eastern Labs
NX7561JB-BC-AZ CEL-NX7561JB-BC-AZ Datasheet
180Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
More results

Similar Description - NX7561JB-BC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7528 CEL-NX7528 Datasheet
190Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7529 CEL-NX7529 Datasheet
190Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7527 CEL-NX7527 Datasheet
189Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7526 CEL-NX7526 Datasheet
189Kb / 3P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7661 CEL-NX7661 Datasheet
185Kb / 4P
   NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7561JB-BC CEL-NX7561JB-BC Datasheet
180Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5504 CEL-NX5504 Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com