Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7529 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX7529
Description  NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7529 Datasheet(HTML) 3 Page - California Eastern Labs

  NX7529 Datasheet HTML 1Page - California Eastern Labs NX7529 Datasheet HTML 2Page - California Eastern Labs NX7529 Datasheet HTML 3Page - California Eastern Labs NX7529 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NX7529BB-AA
OUTLINE DIMENSIONS (Units in mm)
ORDERING INFORMATION
2
4
φ7
Optical Fiber
SMF
Length: 1 m
2
−φ2.2
φ0.45
φ0.9
φ6
P.C.D. =
φ2
25
20
12.7
17.0
CASE
LD
1
2
43
1 2
PIN CONNECTIONS
PART NUMBER
FLANGE TYPE
NX7529BB-AA-AZ*
Flat Mount Flange
PARAMETER
UNIT SPECIFICATION
Mode Field Diameter
µm
9.3±0.5
Cladding Diameter
µm
125±2
Maximum Cladding Noncircularity
%
2
Maximum Core/Cladding Concentricity
%
1.6
Outer Diameter
mm
0.9±0.1
Cut-off Wavelength
nm
1140 to 1280
Minimum Fiber Bending Radius
mm
30
Fiber Length
mm
1000 MIN
OPTICAL FIBER CHARACTERISTICS
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
Ferrule
Fiber Length: 1000 mm MIN
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
03/03/2003
*Note:
Please refer to the last page of this data sheet. "Compliance with
EU Directives" for Pb-Free RoHS Compliance Information.


Similar Part No. - NX7529

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7529BB-AA CEL-NX7529BB-AA Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
logo
Renesas Technology Corp
NX7529BB-AA RENESAS-NX7529BB-AA Datasheet
213Kb / 10P
   LASER DIODE
2001
logo
California Eastern Labs
NX7529BB-AA-AZ CEL-NX7529BB-AA-AZ Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
More results

Similar Description - NX7529

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7561 CEL-NX7561 Datasheet
185Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7528 CEL-NX7528 Datasheet
190Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7527 CEL-NX7527 Datasheet
189Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7526 CEL-NX7526 Datasheet
189Kb / 3P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7661 CEL-NX7661 Datasheet
185Kb / 4P
   NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7561JB-BC CEL-NX7561JB-BC Datasheet
180Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5504 CEL-NX5504 Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com