Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C021P-42TE13 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT24C021P-42TE13
Description  Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C021P-42TE13 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT24C021P-42TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C021P-42TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C021P-42TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C021P-42TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C021P-42TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C021P-42TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C021P-42TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C021P-42TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C021P-42TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT24CXX1/XX2
2
Advanced
Doc. No. 25079-00 1/98 M-1
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias....................–55
°C to +125°C
Storage Temperature........................ –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1)
..............–2.0V to +VCC + 2.0V
VCC with Respect to Ground..................–2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)1.0W.................................1.0W
Lead Soldering Temperature (10 secs)...............300
°C
Output Short Circuit Current(2)
..........................100mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation
of the device at these or any other conditions outside of
those listed in the operational sections of this specifica-
tion is not implied. Exposure to any absolute maximum
rating for extended periods may affect device perfor-
mance and reliability.
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Reference Test Method
NEND(3)
Endurance
1,000,000
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(3)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(3)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(3)(4)
Latch-up
100
mA
JEDEC Standard 17
D.C. OPERATING CHARACTERISTICS
VCC = +2.7V to +6.0V, unless otherwise specified.
Symbol
Parameter
Min.
Typ. Max.
Units
Test Conditions
ICC
Power Supply Current
3
mA
fSCL = 100 KHz
Isb
Standby Current
40
µA
Vcc=3.3V
50
µA
Vcc=5
ILI
Input Leakage Current
2
µA
VIN=GND or VCC
ILO
Output Leakage Current
10
µA
VIN=GND or VCC
VIL
Input Low Voltage
–1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output Low Voltage (SDA)
0.4
V
IOL = 3 mA ,VCC=3.0V
Limits
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (SCL)
6
pF
VIN = 0V
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.


Similar Part No. - CAT24C021P-42TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C02 CATALYST-CAT24C02 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C02 CATALYST-CAT24C02 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C02 ONSEMI-CAT24C02 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C02 ONSEMI-CAT24C02 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C02 ONSEMI-CAT24C02 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

Similar Description - CAT24C021P-42TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com