Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8530NH541 Datasheet(PDF) 10 Page - California Eastern Labs

Part # NX8530NH541
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8530NH541 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button NX8530NH541 Datasheet HTML 3Page - California Eastern Labs NX8530NH541 Datasheet HTML 4Page - California Eastern Labs NX8530NH541 Datasheet HTML 5Page - California Eastern Labs NX8530NH541 Datasheet HTML 6Page - California Eastern Labs NX8530NH541 Datasheet HTML 7Page - California Eastern Labs NX8530NH541 Datasheet HTML 8Page - California Eastern Labs NX8530NH541 Datasheet HTML 9Page - California Eastern Labs NX8530NH541 Datasheet HTML 10Page - California Eastern Labs NX8530NH541 Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NX8530NH, NX8531NH
SAFETY INFORMATION ON THIS PRODUCT
DANGER
INVISIBLE LASER RADIATION
AVOID DIRECT EXPOSURE TO BEAM
OUTPUT POWER
mW MAX
WAVELENGTH
nm
CLASS lllb LASER PRODUCT
AVOID EXPOSURE-Invisible
Laser Radiation is emitted from
this aperture
SEMICONDUCTOR LASER
Warning
Laser Beam
A laser beam is emitted from this diode during operation.
The laser beam, visible or invisible, directly or indirectly, may cause injury to the eye or loss of
eyesight.
• Do not look directly into the laser beam.
• Avoid exposure to the laser beam, any reflected or collimated beam.
Caution
GaAs Products
This product uses gallium arsenide (GaAs).
GaAs vapor and powder are hazardous to human health if inhaled or ingested, so please observe
the following points.
• Follow related laws and ordinances when disposing of the product. If there are no applicable laws
and/or ordinances, dispose of the product as recommended below.
1. Commission a disposal company able to (with a license to) collect, transport and dispose of
materials that contain arsenic and other such industrial waste materials.
2. Exclude the product from general industrial waste and household garbage, and ensure that the
product is controlled (as industrial waste subject to special control) up until final disposal.
• Do not burn, destroy, cut, crush, or chemically dissolve the product.
• Do not lick the product or in any way allow it to enter the mouth.
Caution
Optical Fiber
A glass-fiber is attached on the product. Handle with care.
• When the fiber is broken or damaged, handle carefully to avoid injury from the damaged part
or fragments.


Similar Part No. - NX8530NH541

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8530NH541 RENESAS-NX8530NH541 Datasheet
280Kb / 12P
   LASER DIODE
2008
More results

Similar Description - NX8530NH541

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com