Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8530NH581 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX8530NH581
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8530NH581 Datasheet(HTML) 1 Page - California Eastern Labs

  NX8530NH581 Datasheet HTML 1Page - California Eastern Labs NX8530NH581 Datasheet HTML 2Page - California Eastern Labs NX8530NH581 Datasheet HTML 3Page - California Eastern Labs NX8530NH581 Datasheet HTML 4Page - California Eastern Labs NX8530NH581 Datasheet HTML 5Page - California Eastern Labs NX8530NH581 Datasheet HTML 6Page - California Eastern Labs NX8530NH581 Datasheet HTML 7Page - California Eastern Labs NX8530NH581 Datasheet HTML 8Page - California Eastern Labs NX8530NH581 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
LASER DIODE
NX8530NH,NX8531NH
Document No. PL10716EJ01V0DS (1st edition)
Date Published June 2008 NS
2008
DESCRIPTION
The NX8530NH and NX8531NH are 1 550 nm Multiple Quantum Wells
(MQW) structured Distributed Feed-Back (DFB) laser diode module TOSA
integrated a mini-TEC, with InGaAs monitor PIN-PD in a ceramic package
designed for SFP transceivers and other types of modules with LC receptacle.
FEATURES
• Optical output power
PAVG = 0 dBm MIN. (NX8530NH)
PAVG = 4 dBm MIN. (NX8531NH)
• Available for DWDM C-band and L-band wavelengths based on
ITU-T recommendations
(100 GHz grid, please refer to the ORDERING INFORMATION)
• Built-in mini thermo-electric cooler with low power consumption
• Miniature 18.5 mm package with LC receptacle


Similar Part No. - NX8530NH581

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8530NH581 RENESAS-NX8530NH581 Datasheet
280Kb / 12P
   LASER DIODE
2008
More results

Similar Description - NX8530NH581

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com