Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM15S05CM Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPM15S05CM
Description  MPM-15CM Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM15S05CM Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPM15S05CM Datasheet HTML 1Page - MicroPower Direct, LLC MPM15S05CM Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
265
VAC
Input Frequency
47
440
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
15.0
A Pk
230 VAC
30.0
EMI
Meets CISPR Pub. 22/FCC Class B
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Accuracy
±1.0
±2.0
%
Line Regulation
VIN = Min to Max
±0.2
±1.0
%
Load Regulation, Single Output
IO = Min to Max
±0.5
±1.0
%
Load Regulation, Dual, Triple Aux Output
IO = Min to Max
±2.5
±5.0
%
Ripple & Noise (20 MHz)
5.0 VDC Output
1.5
1.8
%VP-P of VO
All Other Outputs
0.8
1.0
Hold-Up Time
115 VAC, 60 Hz
20
mSec
Temperature Coefficient
±0.02
%/°C
Over Voltage Protection
Zener Diode Clamp
120
% of VO
Short Circuit Protection, Note 3
Continuous (Autorecovery)
Overload Protection, Note 4
Typ. 120% to 180% of Output Power
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Isolation Test Voltage
Input to Output, Flash Tested For 60S
4,700
VAC
Isolation Resistance
500 VDC
100
M
EMI/RFI
Conducted
EN 55022 Level B
EMC Compliance
Electrostatic Discharge (ESD)
EN 61000-4-2 Level B
RF Field Susceptibility
EN 61000-4-3
Electrical Fast Transients/Bursts On Mains
EN 61000-4-4 Level 3 2 kV
Surge
EN 61000-4-5 Level 3 1kV/2 kV
Switching Frequency
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+25
+71
°C
Storage Temperature Range
-40
+85
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
95
%
Physical
Case Size, Chassis Mount
3.81 x 2.13 x 0.92 Inches (96.7 x 54.0 x 23.3 mm)
Case Size, DIN Rail Option
3.81 x 2.13 x 1.35 Inches (96.7 x 54.0 x 34.3 mm)
Case Material
Non-Conductive Plastic& Fiberglass (UL94-V0)
Weight
5.69 Oz (162g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
280
kHours
Safety Standards
UL 60950, EN 60950
Safety Approvals
UL, cUL; File No. E245422
Safety Class
IEC 61140 Class II
Chassis Mount, 15W
Single, Dual & Triple Out
AC/DC Power Supplies
Key Features:
15W Output Power
Universal 85-265 VAC Input
EN 60950 Approved (UL)
Single, Dual & Triple Outputs
Meets EN 55022 B
Meets IEC Safety Class II
Chassis Mount Case
MPM-15CM Series
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
PCB Mount Models
& DIN Rail Mount
Option Available!
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - MPM15S05CM

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM15S05 MPD-MPM15S05 Datasheet
309Kb / 2P
   MPM-15S Series
MPM15S05IS MPD-MPM15S05IS Datasheet
256Kb / 2P
   MPM-15IS Series
More results

Similar Description - MPM15S05CM

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-15IS MPD-MPM-15IS_14 Datasheet
256Kb / 2P
   MPM-15IS Series
MPM-08MB MPD-MPM-08MB Datasheet
300Kb / 2P
   MPM-08MB Series
MPM-10IS MPD-MPM-10IS_14 Datasheet
288Kb / 2P
   MPM-10IS Series
MPM-60PB MPD-MPM-60PB Datasheet
298Kb / 2P
   MPM-60PB Series
MPM-03S MPD-MPM-03S_14 Datasheet
326Kb / 2P
   MPM-03 Series
MPM-20S MPD-MPM-20S_14 Datasheet
317Kb / 2P
   MPM-20S Series
MPM-40SE MPD-MPM-40SE Datasheet
382Kb / 2P
   MPM-40E Series
MPM-12EPB MPD-MPM-12EPB Datasheet
362Kb / 2P
   MPM-12EPB Series
MPM-15S MPD-MPM-15S_14 Datasheet
309Kb / 2P
   MPM-15S Series
MPM-25S MPD-MPM-25S_14 Datasheet
315Kb / 2P
   MPM-25S Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com