Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM25S24 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPM25S24
Description  MPM-25S Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM25S24 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPM25S24 Datasheet HTML 1Page - MicroPower Direct, LLC MPM25S24 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal Input, 25W
Miniature, PC Mount
AC/DC Power Supplies
Key Features:
25W Output Power
Universal 85-264 VAC Input
EN 60950 Approved (UL)
Adjustable Output
Meets EN 55022 B
>300 kHour MTBF
Compact PC Mount Case
MPM-25S Series
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
264
VAC
120
370
VDC
Input Frequency
47
63
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
16.0
A Pk
230 VAC
30.0
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Accuracy
±2.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation
See Note 2
±1.0
%
Ripple & Noise (20 MHz)
50
100
mV P-P
Hold-Up Time
115 VAC
30
mSec
230 VAC
80
Temperature Coefficient
±0.02
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Over Voltage Protection
Zener Diode Clamp
Overload Protection
Autorecovery
110
%W
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Isolation Resistance
500 VDC
100
M
Switching Frequency
65
kHz
EMI Characteristics
Parameter
Standard
Min.
Typ.
Max.
Units
Radiated Emissions
EN 55022
Class B
Conducted Emissions
EN 55022
Class B
ESD
EN 61000-4-2
Criteria B; ±8 kV Air/±6 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 4
EN 61000-4-4
Criteria B; ±2 kV
Surge
See Note 5
EN 61000-4-5
Criteria B; ±1 kV/±2 kV
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+70
°C
Operating Temperature Range
Case
+95
°C
Storage Temperature Range
-40
+105
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
95
%
Physical
Case Size
2.75 x 1.88 x 0.92 Inches (70.0 x 48.0 x 23.50 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
4.23 Oz (120g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Safety Standards
EN 60950


Similar Part No. - MPM25S24

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MPM20 CADDOCK-MPM20 Datasheet
416Kb / 1P
   MPM20 Kool-Tab짰 Power Film Resistors
logo
MicroPower Direct, LLC
MPM20S03 MPD-MPM20S03 Datasheet
317Kb / 2P
   MPM-20S Series
MPM20S03EPB MPD-MPM20S03EPB Datasheet
364Kb / 2P
   MPM-20EPB Series
MPM20S05 MPD-MPM20S05 Datasheet
317Kb / 2P
   MPM-20S Series
MPM20S05EPB MPD-MPM20S05EPB Datasheet
364Kb / 2P
   MPM-20EPB Series
More results

Similar Description - MPM25S24

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070610FR SUYIN-USA-070610FR Datasheet
143Kb / 1P
   HIGH RACE 25S
logo
MicroPower Direct, LLC
MPM-15IS MPD-MPM-15IS_14 Datasheet
256Kb / 2P
   MPM-15IS Series
MPM-08MB MPD-MPM-08MB Datasheet
300Kb / 2P
   MPM-08MB Series
MPM-10IS MPD-MPM-10IS_14 Datasheet
288Kb / 2P
   MPM-10IS Series
MPM-60PB MPD-MPM-60PB Datasheet
298Kb / 2P
   MPM-60PB Series
MPM-03S MPD-MPM-03S_14 Datasheet
326Kb / 2P
   MPM-03 Series
MPM-15CM MPD-MPM-15CM_14 Datasheet
275Kb / 2P
   MPM-15CM Series
MPM-20S MPD-MPM-20S_14 Datasheet
317Kb / 2P
   MPM-20S Series
MPM-40SE MPD-MPM-40SE Datasheet
382Kb / 2P
   MPM-40E Series
MPM-12EPB MPD-MPM-12EPB Datasheet
362Kb / 2P
   MPM-12EPB Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com