Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6639US Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # 1N6639US
Description  SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N6639US Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  1N6639US Datasheet HTML 1Page - Compensated Deuices Incorporated 1N6639US Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V F
@
I F
TYPES
VdC
mA
MIN
MAX
(PULSED)
1N6639US
1.20
500
0.54
0.62
1
1N6640US
0.76
0.86
50
0.82
0.92
100
0.87
1.00
200
1N6641US
1.10
200
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
V BRR
V RWM
I R1
I R2
T FR
T RR
CT
TYPES
@ 10 µA
@ TA = +25°C @ TA = +150°C
IF
I R = 10 mA
VR = 0
VR =VR =
= 200 mA
I F = 10 mA
V RWM
V RWM
RL = 100 Ω
V(pk)
V(pk)
nA dc
µA dc
ns
ns
pF
1N6639US
100
75
100
100
10
4.0
2.5
1N6640US
75
50
100
100
10
4.0
2.5
1N6641US
75
50
100
100
10
5.0
3.0
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
Operating Current: 300 mA
Derating: 4.6 mA/°C Above TEC = + 110°C
Surge Current: I
FSM = 2.5A, P
w = 8.3ms
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
FORWARD VOLTAGE:
• 1N6639US THRU 1N6641US AVAILABLE IN
JAN, JANTX, JANTXV AND JANS
PER MIL-PRF-19500/609
• SWITCHING DIODES
• NON-CAVITY GLASS PACKAGE
• METALLURGICALLY BONDED
1N6639US
1N6640US
1N6641US
DESIGN DATA
CASE: D-5D, Hermetically sealed glass
case, per MIL-PRF- 19500/609
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
50 ˚C/W maximum at L = 0
THERMAL IMPEDANCE: (ZOJX): 25
˚C/W maximum
POLARITY: Cathode end is banded
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) of this device is approximately
+ 4PPM / °C. The COE of the Mounting
Surface System should be selected to
provide a suitable match with this
device.
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN MAX
D
1.78
2.16
0.070 0.085
F
0.48
0.71
0.019 0.028
G
4.19
4.95
0.165 0.195
S
0.08MIN.
0.003MIN.
FIGURE 1


Similar Part No. - 1N6639US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6639US MICROSEMI-1N6639US Datasheet
34Kb / 1P
   300 mAmp 75-100 Volts 4 nsec Computer Switching Diode
1N6639US MICROSEMI-1N6639US Datasheet
52Kb / 2P
   SWITCHING DIODES
More results

Similar Description - 1N6639US

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
   Switching Diodes
logo
Microsemi Corporation
1N4153UR-1 MICROSEMI-1N4153UR-1 Datasheet
37Kb / 2P
   SWITCHING DIODES
1N6639 MICROSEMI-1N6639_1 Datasheet
46Kb / 2P
   SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
   Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
   SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
   Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516 Datasheet
162Kb / 1P
   Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
   SWITCHING Diodes
logo
Guangdong Kexin Industr...
MMBD4148-3 KEXIN-MMBD4148-3 Datasheet
972Kb / 2P
   Switching Diodes
MMBD7000-3 KEXIN-MMBD7000-3 Datasheet
810Kb / 2P
   Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com