Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPO40S09 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPO40S09
Description  MPO-40S Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPO40S09 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPO40S09 Datasheet HTML 1Page - MicroPower Direct, LLC MPO40S09 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
90
264
VAC
127
373
VDC
Input Frequency
47
63
Hz
Input Filter
Meets EN 55022 Class B; FCC Class B
Input Current
See Model Selection Guide
Inrush Current
Cold Start, 115 VAC
32.0
A Pk
Cold Start, 230 VAC
50.0
Safety Ground Leakage Current
264 VAC
3.5
mA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage/Current
See Model Selection Guide
Output Voltage Tolerance
See Note 1
±1.0
%
Line Regulation
Vin = 100 VAC to 240 VAC
±0.5
%
Load Regulation
Iout = 10% to 100%
±1.0
%
Ripple & Noise (20 MHz)
See Note 2
±1.0
%
Hold-Up Time
115 VAC
8
mSec
230 VAC
100
Temperature Coefficient
±0.05
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Overload Protection
See Note 3
150
%
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
4,700
pF
EMI/RFI
Conducted
EN 55022; EN 61000-3-2, -3
EMC Compliance
Electrostatic Discharge (ESD)
IEC/EN 61000-4-2, -6, -8, -11
RF Field Susceptibility
IEC/EN 61000-4-3
Electrical Fast Transients/Bursts On Mains
IEC/EN 61000-4-4
Surge
IEC/EN 61000-4-5
Switching Frequency
Fixed
66
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
0
+25
+50
°C
Storage Temperature Range
-20
+85
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
93
%
Physical
Size
4.00 x 2.00 x 1.20 Inches (101.60 x 50.08 x 30.48 mm)
Weight
5.99 Oz (0.170 kg)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
200
kHours
Safety Standards
UL 60950, EN 60950
Vibration
Sinusoidal 50~500 Hz, 3.0 Grms, Period of 30 min each along X, Y & Z Axis
Single Output, 40W
Compact, Open Frame
AC/DC Power Supplies
Key Features:
40W Output Power
Universal 90-264 AC Input
EN 60950 Approved (UL)
Compact 2 x 4 In Package
Nine Standard Models
Meets EN 55022 B
Meets EN 61000-4
>200 kHour MTBF
MPO-40S Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - MPO40S09

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPO40D0512 MPD-MPO40D0512 Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
MPO40D0524 MPD-MPO40D0524 Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
MPO40T01 MPD-MPO40T01 Datasheet
387Kb / 2P
   MPO-40T Series
MPO40T02 MPD-MPO40T02 Datasheet
387Kb / 2P
   MPO-40T Series
MPO40T03 MPD-MPO40T03 Datasheet
387Kb / 2P
   MPO-40T Series
More results

Similar Description - MPO40S09

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPO-20S MPD-MPO-20S Datasheet
370Kb / 2P
   MPO-20S Series
MPO-200S MPD-MPO-200S Datasheet
423Kb / 2P
   MPO-200S Series
MPO-60S MPD-MPO-60S Datasheet
343Kb / 2P
   MPO-60S Series
MPO-100S MPD-MPO-100S Datasheet
363Kb / 2P
   MPO-100S Series
MPO-40T MPD-MPO-40T Datasheet
387Kb / 2P
   MPO-40T Series
logo
Tripp Lite. All Rights ...
N84402M8LCP TRIPPLITE-N84402M8LCP Datasheet
493Kb / 2P
   MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
N84405M8LCP TRIPPLITE-N84405M8LCP Datasheet
493Kb / 2P
   MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
logo
Molex Electronics Ltd.
1060596200 MOLEX1-1060596200 Datasheet
40Kb / 1P
   Optical Industrial Adapter, Industrial MPO to MPO/MTP*, Singlemode/Multimode
logo
Tripp Lite. All Rights ...
N84403M8LCP TRIPPLITE-N84403M8LCP Datasheet
492Kb / 2P
   MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
logo
OPLINK Communications I...
MPOM-S0234 OPLINK-MPOM-S0234 Datasheet
136Kb / 2P
   MPO/MTP Patchcord
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com