Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2903YF-ME2 Datasheet(PDF) 1 Page - Rohm

Part # BA2903YF-ME2
Description  Automotive Ground Sense Comparators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903YF-ME2 Datasheet(HTML) 1 Page - Rohm

  BA2903YF-ME2 Datasheet HTML 1Page - Rohm BA2903YF-ME2 Datasheet HTML 2Page - Rohm BA2903YF-ME2 Datasheet HTML 3Page - Rohm BA2903YF-ME2 Datasheet HTML 4Page - Rohm BA2903YF-ME2 Datasheet HTML 5Page - Rohm BA2903YF-ME2 Datasheet HTML 6Page - Rohm BA2903YF-ME2 Datasheet HTML 7Page - Rohm BA2903YF-ME2 Datasheet HTML 8Page - Rohm BA2903YF-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200550-1-2
TSZ22111・14・001
1/24
25.SEP.2012 Rev.001
Comparator series
Automotive
Ground Sense Comparators
BA2903Yxxx-M, BA2901Yxx-M
●General Description
Automotive
series
BA2903Yxxx-M/BA2901Yxx-M,
integrate two or four independent high gain voltage
comparator.
Some features are the wide operating voltage that is 2
to
36V
and
low supply
current.
BA2903Yxxx-M,
BA2901Yxx-M
are
manufactured
for
automotive
requirements of car navigation system, car audio, etc.
.
●Features
 Operable with a single power supply
 Wide operating supply voltage
 Standard comparator pin-assignments
 Input and output are operable ground sense
 Internal ESD protection circuit
 Wide temperature range
●Key Specifications
 Wide operating supply voltage
single supply :
+2.0V to +36V
split supply :
±1.0V to ±18V
 Very low supply current
BA2903Yxxx-M
0.6mA(Typ.)
BA2901Yxx-M
0.8mA(Typ.)
 Low input bias current :
50nA(Typ.)
 Low input offset current :
5nA(Typ.)
 Operating temperature range :
-40℃ to +125℃
●Packages
W(Typ.) x D(Typ.) x H(Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP14
8.70mm x 6.20mm x 1.71mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
MSOP8
2.90mm x 4.00mm x 0.90mm
●Selection Guide
●Block Diagram
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
Automotive
Quad
Dual
0.8mA
0.6mA
Supply Current
BA2903YF-M
BA2903YFV-M
BA2903YFVM-M
BA2901YF-M
BA2901YFV-M
+125℃
Maximum Operating Temperature
+IN
-IN
VOUT
VCC
VEE
Fig.1 Simplified schematic (one channel only)


Similar Part No. - BA2903YF-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903YF-C ROHM-BA2903YF-C Datasheet
382Kb / 17P
   Automotive Comparators:Ground Sense
BA2903YF-C ROHM-BA2903YF-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Similar Description - BA2903YF-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com