Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2903YFVM- Datasheet(PDF) 6 Page - Rohm

Part # BA2903YFVM-
Description  Automotive Ground Sense Comparators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903YFVM- Datasheet(HTML) 6 Page - Rohm

Back Button BA2903YFVM- Datasheet HTML 2Page - Rohm BA2903YFVM- Datasheet HTML 3Page - Rohm BA2903YFVM- Datasheet HTML 4Page - Rohm BA2903YFVM- Datasheet HTML 5Page - Rohm BA2903YFVM- Datasheet HTML 6Page - Rohm BA2903YFVM- Datasheet HTML 7Page - Rohm BA2903YFVM- Datasheet HTML 8Page - Rohm BA2903YFVM- Datasheet HTML 9Page - Rohm BA2903YFVM- Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200550-1-2
TSZ22111・15・001
6/24
25.SEP.2012 Rev.001
BA2903Yxxx-M, BA2901Yxx-M
Datasheet
●Typical Performance Curves
○BA2903Yxxx-M
(*)The data above is measurement value of typical sample, it is not guaranteed.
Fig.3
Supply Current – Supply Voltage
Fig.4
Supply Current – Ambient
Temperature
Fig.5
Maximum Output Voltage – Supply Voltage
(IOL=4mA)
0
200
400
600
800
1000
025
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
1. 2
1. 4
1. 6
0
10203040
SUPPLY VOLTAGE [V]
0
50
100
150
200
0
10
203040
SUPPLY VOLTAGE [V]
BA2903YF-M
BA2903YFV-M
BA2903YFVM-M
25℃
125℃
-40℃
36V
5V
2V
25℃
125℃
-40℃
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
1. 2
1. 4
1. 6
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
Fig.2
Derating Curve


Similar Part No. - BA2903YFVM-

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903YFVM-C ROHM-BA2903YFVM-C Datasheet
382Kb / 17P
   Automotive Comparators:Ground Sense
BA2903YFVM-C ROHM-BA2903YFVM-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YFVM-CTR ROHM-BA2903YFVM-CTR Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFVM-CTR ROHM-BA2903YFVM-CTR Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA2903YFVM-CTR ROHM-BA2903YFVM-CTR Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Similar Description - BA2903YFVM-

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com