Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU300MS48YZ Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPU300MS48YZ
Description  MPU-300M Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPU300MS48YZ Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPU300MS48YZ Datasheet HTML 1Page - MicroPower Direct, LLC MPU300MS48YZ Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Model
Number
Output Voltage (VDC) Output Current (Max A) Ripple
& Noise
(% p-p)
Efficiency
(%)
PreSet
Range
Convection
With
25 CFM
MPU-300MS-12YZ
12 VDC 12.0 - 13.8
12.50
25.00
±1%
80%
MPU-300MS-15YZ
15 VDC 14.0 - 16.0
10.00
20.00
±1%
80%
MPU-300MS-24YZ
24 VDC 23.0 - 28.0
6.25
12.50
±1%
80%
MPU-300MS-48YZ
48 VDC 44.0 - 52.0
3.12
6.25
±1%
80%
Notes:
1. Output regulation includes line & load.
2. Ripple & noise is measured from 10 Hz to 20 MHz. Connection to the unit is made with a
0.1 µF ceramic capacitor & a 22 µF electrolytic capacitor connected in parallel.
3. A 1% minimum load is required to maintain regulation & ripple specifications.
4. Transient recovery is measured to within a 1% error band for a load step of 50% to 100%.
5. Isolation specifications are production HI-Pot tested for 3 seconds.
6. The full output range (see table) is covered in the safety agency certification. Standard
models are factory set to the Preset voltage, but may be set to other levels within the range
without affecting the agency certification. For more information, contact the factory.
7. Output power is given for the factory preset voltage. The maximum continuous output
power level is 150W without providing 25 CFM airflow. All models provide a peak power
level of 600W for a maximum duration of 500 µS.For more information,contact the factory.
8. Each unit includes two 250V/5A fuses. Since these fuses are not field replaceable, it is
recommended that an external fuse of the same size be used on the input of the power
supply for protection.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Connections
I
nput Connector (CN1):
Terminal Block:
Howder HD-601-3P
3 pins, 6.35 mm Centers
Molex Mating Part No:
Molex 035977-0500 or equivalent
(two pins removed)
Pin
Function
1
AC-Line
2
AC-Neutral
3
Field Ground
www.micropowerdirect.com
Model Number
Models with other output voltage levels
are available (i.e. 36 VDC, etc)
Contact the factory for details at:
sales@micropowerdirect.com
Output Connector (CN2):
Terminal Block (Must be used on 12 VOUT):
Dinkle P-830N
M5 Screws
Molex Mating Part No:
Molex 035977-0600 or equivalent
Pin
Molex
Pin
Dinkle
1-VOUT
1-VOUT
2-VOUT
2+VOUT
3-VOUT
4+VOUT
5+VOUT
6+VOUT
Logic Signal Connector (CN3):
Mating Part No:
JST XHP-4 or equivalent
(CHYAO SHIUNN JS-2001-04)
Mating Pins: JST SXH-002T-PO.6
For AWG 30 to 26
Pin
Function
1
Remote On/Off
2
Fan Fail
3
Common
4
Power Good
Fan Driver Connector (CN4):
Mating Part No:
JST XHP-3 or equivalent
(CHYAO SHIUNN JS-2001-03)
3 Pins 0.98 Pitch
Pin
Function
1
Fan Fail
2
Minus
3
Plus


Similar Part No. - MPU300MS48YZ

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU300S12YZ MPD-MPU300S12YZ Datasheet
373Kb / 2P
   MPU-300 Series
MPU300S15YZ MPD-MPU300S15YZ Datasheet
373Kb / 2P
   MPU-300 Series
MPU300S24YZ MPD-MPU300S24YZ Datasheet
373Kb / 2P
   MPU-300 Series
MPU300S48YZ MPD-MPU300S48YZ Datasheet
373Kb / 2P
   MPU-300 Series
More results

Similar Description - MPU300MS48YZ

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-500S MPD-MPU-500S Datasheet
360Kb / 2P
   MPU-500S Series
MPU-400M MPD-MPU-400M Datasheet
376Kb / 2P
   MPU-400M Series
MPU-400S MPD-MPU-400S Datasheet
411Kb / 2P
   MPU-400 Series
MPU-300S MPD-MPU-300S Datasheet
373Kb / 2P
   MPU-300 Series
MPU-400CS MPD-MPU-400CS Datasheet
371Kb / 2P
   MPU-400CS Series
MPU-250SF MPD-MPU-250SF Datasheet
368Kb / 2P
   MPU-250F Series
MPU-500SE MPD-MPU-500SE Datasheet
383Kb / 2P
   MPU-500E Series
MPU-800SF MPD-MPU-800SF Datasheet
383Kb / 2P
   MPU-800F Series
MPU-800SE MPD-MPU-800SE Datasheet
383Kb / 2P
   MPU-800ESeries
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com