Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU-400CS Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPU-400CS
Description  MPU-400CS Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPU-400CS Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPU-400CS Datasheet HTML 1Page - MicroPower Direct, LLC MPU-400CS Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Model
Number
Output Voltage (VDC)
Output Current (A)
Ripple
& Noise
(% p-p)
Efficiency
(%)
PreSet
Range
Convection
With
23 CFM
MPU-400CS-12YZI
12 VDC 12.0 - 15.0
20.83
33.33
±1%
80%
MPU-400CS-24YZI
24 VDC 22.0 - 30.0
10.41
16.66
±1%
80%
MPU-400CS-48YZI
48 VDC 42.0 - 58.0
5.20
8.33
±1%
80%
Notes:
1. Output regulation includes line & load.
2. Ripple & noise is measured from 10 Hz to 20 MHz. Connection to the unit is made
with a 0.1 µF ceramic capacitor & a 22 µF electrolytic capacitor connected in parallel.
3. A 1% minimum load is required to maintain regulation & ripple specifications.
4. Transient recovery is measured to within a 1% error band for a load step change
of 50% to 100%.
5. Isolation specifications are production HI-Pot tested for 3 seconds.
6. The full output range (see table) is covered in the safety agency certification.Standard
models are factory set to the Preset voltage, but may be set to other levels within
the range without affecting the agency certification. For more information, contact
the factory.
7. Output power is given for the factory preset voltage. The maximum continuous
output power level is 400W with 23 CFM airflow. All models provide a peak power
level of 700W for a maximum duration of 500 µS. For more information, contact
the factory.
8. Each unit includes two (250V/8A) fuses. Since these fuses are not field replaceable,
it is recommended that an external fuse of the same size be used on the input of
the power supply for protection.
U-Chassis Cover (C Suffix)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Connections
Input Connector (CN1):
Terminal Block:
Howder HD-121-3P: M3.5 Screws
3 pins, 9.5 mm Centers
Molex Mating Part No:
Molex 09-91-0700 or equivalent
(Seven pins, Five pins used)
Howder
Molex
Pin
Function
Pin
Function
1
AC-Line
1,2
AC-Line
2
AC-Neutral 4,5 AC-Neutral
3 Field Ground 7 Field Ground
Output Connector (CN2):
Terminal Block:
Howder HD-121-6P: M3.5 Screws
6 pins, 9.5 mm Centers
Molex Mating Part No:
Molex 09-91-1600 or equivalent
Howder
Molex
Pin
Function
Pin
Function
1-3
-VOUT
1-8
-VOUT
4-6
+VOUT
9-16
+VOUT
Logic Signal Connector (CN3):
Mating Part No:
JST XHP-9 or equivalent
(CHYAO SHIUNN JS-2001-09)
Pin
Function
1
+ Remote Sense
2
- Remote Sense
3
Remote On/Off
4
Power Good
5
AC Fail
6
Common
7
Current Share
8
Current Monitor
9
Margin
Fan Driver Connector (CN4):
Mating Part No:
JST XHP-2 or equivalent
(CHYAO SHIUNN JS-2001-02)
Pin
Function
1
Plus
2
Minus
www.micropowerdirect.com
Model Number
Models with other output voltage levels
are available (i.e. 5 VDC, 36 VDC, etc)
Contact the factory for details at:
sales@micropowerdirect.com


Similar Part No. - MPU-400CS

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-400D MPD-MPU-400D Datasheet
1Mb / 4P
   Compact 400W Supply
MPU-400D-0512YYZ MPD-MPU-400D-0512YYZ Datasheet
1Mb / 4P
   Compact 400W Supply
MPU-400D-0524YYZ MPD-MPU-400D-0524YYZ Datasheet
1Mb / 4P
   Compact 400W Supply
MPU-400D-0548YYZ MPD-MPU-400D-0548YYZ Datasheet
1Mb / 4P
   Compact 400W Supply
MPU-400D-1224YYZ MPD-MPU-400D-1224YYZ Datasheet
1Mb / 4P
   Compact 400W Supply
More results

Similar Description - MPU-400CS

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-300M MPD-MPU-300M Datasheet
353Kb / 2P
   MPU-300M Series
MPU-500S MPD-MPU-500S Datasheet
360Kb / 2P
   MPU-500S Series
MPU-400M MPD-MPU-400M Datasheet
376Kb / 2P
   MPU-400M Series
MPU-400S MPD-MPU-400S Datasheet
411Kb / 2P
   MPU-400 Series
MPU-300S MPD-MPU-300S Datasheet
373Kb / 2P
   MPU-300 Series
MPU-250SF MPD-MPU-250SF Datasheet
368Kb / 2P
   MPU-250F Series
MPU-500SE MPD-MPU-500SE Datasheet
383Kb / 2P
   MPU-500E Series
MPU-800SF MPD-MPU-800SF Datasheet
383Kb / 2P
   MPU-800F Series
MPU-800SE MPD-MPU-800SE Datasheet
383Kb / 2P
   MPU-800ESeries
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com