Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA10339F-E2 Datasheet(PDF) 5 Page - Rohm

Part # BA10339F-E2
Description  Ground Sense Comparator
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10339F-E2 Datasheet(HTML) 5 Page - Rohm

  BA10339F-E2 Datasheet HTML 1Page - Rohm BA10339F-E2 Datasheet HTML 2Page - Rohm BA10339F-E2 Datasheet HTML 3Page - Rohm BA10339F-E2 Datasheet HTML 4Page - Rohm BA10339F-E2 Datasheet HTML 5Page - Rohm BA10339F-E2 Datasheet HTML 6Page - Rohm BA10339F-E2 Datasheet HTML 7Page - Rohm BA10339F-E2 Datasheet HTML 8Page - Rohm BA10339F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
5/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
Absolute Maximum Ratings - continued
Parameter
Symbol
Rating
Unit
BA10393F
BA10339xx
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
Pd
SOP8
0.62
(Note 5,8)
-
W
SOP14
-
0.49
(Note 6,8)
SSOP-B14
-
0.70
(Note 7,8)
Differential Input Voltage
(Note 9)
VID
+36
V
Input Common-mode
Voltage Range
VICM
(VEE-0.3) to VCC
V
Input Current
(Note 10)
II
-10
mA
Operating Supply Voltage
VOPR
+2.0 to +36.0
(±1.0 to ±18.0)
+3.0 to +36.0
(±1.5 to ±18.0)
V
Operating Temperature Range
TOPR
-40 to +85
°C
Storage Temperature Range
TSTG
-55 to +125
°C
Maximum Junction Temperature
TJMAX
+125
°C
(Note 5)
To use at temperature above Ta=25°C reduce 6.2mW.
(Note 6)
To use at temperature above Ta=25°C reduce 4.9mW.
(Note 7)
To use at temperature above Ta=25°C reduce 7.0mW.
(Note 8)
Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
(Note 9)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 10) Excessive input current will flow if a differential input voltage in excess of approximately 0.6V is applied between the input unless some limiting
resistance is used.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Parameter
Symbol
Rating
Unit
BA2903Sxxx
BA2901Sxx
BA2903xxx
BA2901xx
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
Pd
SOP8
0.78
(Note 11,16)
-
0.78
(Note 11,16)
-
W
SSOP-B8
0.69
(Note 12,16)
-
0.69
(Note 12,16)
-
MSOP8
0.59
(Note 13,16)
-
0.59
(Note 13,16)
-
SOP14
-
0.61
(Note 14,16)
-
0.61
(Note 14,16)
SSOP-B14
-
0.87
(Note 15,16)
-
0.87
(Note 15,16)
Differential Input Voltage
(Note 17)
VID
36
V
Input Common-mode
Voltage Range
VICM
(VEE-0.3) to (VEE+36)
V
Input Current
(Note 18)
II
-10
mA
Operating Supply Voltage
VOPR
+2.0 to +36.0
(±1.0 to ±18.0)
V
Operating Temperature Range
TOPR
-40 to +105
-40 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Maximum Junction Temperature
TJMAX
+150
°C
(Note 11) To use at temperature above Ta=25°C reduce 6.2mW.
(Note 12) To use at temperature above Ta=25°C reduce 5.5mW.
(Note 13) To use at temperature above Ta=25°C reduce 4.7mW.
(Note 14) To use at temperature above Ta=25°C reduce 4.9mW.
(Note 15) To use at temperature above Ta=25°C reduce 7.0mW.
(Note 16) Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
(Note 17) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 18) Excessive input current will flow if a differential input voltage in excess of approximately 0.6V is applied between the input unless some limiting
resistance is used.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.


Similar Part No. - BA10339F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10339F-E2 ROHM-BA10339F-E2 Datasheet
2Mb / 57P
   Ground Sense Comparator
More results

Similar Description - BA10339F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8391G ROHM-BA8391G Datasheet
2Mb / 57P
   Ground Sense Comparator
LM393F ROHM-LM393F Datasheet
1Mb / 23P
   Ground Sense Comparator
BA2901KN-E2 ROHM-BA2901KN-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com