Electronic Components Datasheet Search |
|
MPU400CS48YZI Datasheet(PDF) 1 Page - MicroPower Direct, LLC |
|
MPU400CS48YZI Datasheet(HTML) 1 Page - MicroPower Direct, LLC |
1 / 2 page MPU-400CSSeries Input Parameter Conditions Min. Typ. Max. Units Input Voltage Range Universal 90 264 VAC Input Frequency 47 63 Hz Input Current, Full Load 90 VAC 6.35 A Inrush Current, Cold Start 230 VAC 35 A Leakage Current 1.5 mA Power Factor Correction Meets EN 61000-3-2 Class D Input Protection Two T8A/250V Fuse Input Undervoltage Protection Under 80 VAC ±5 VAC Unit Shuts Down; Unit Recovers Over 86 VAC Output Parameter Conditions Min. Typ. Max. Units Output Voltage Adjustment By Trim Pot ±5.0 % Output Regulation, See Note 1 ±1.0 % Hold Time 120 VAC, 80% Load 20 mSec Ripple & Noise (20 MHz), See Note 2 See Model Selection Guide Overload Protection Foldback Circuit, Autorecovery 110 140 % Over Voltage Protection >130% of Rated Output Voltage. Recycle AC Input. Over Temperature Protection Autorecovery +85 ºC Temperature Coefficient ±0.04 %/ºC Transient Recovery Time, See Note 4 50% Load Change 2.5 mS Transient Response Deviation 5.0 % Overshoot/Undershoot At Turn On/Off ±5.0 % Turn On Delay 230 VAC 1.0 S Output Short Circuit Continuous With Autorecovery General Parameter Conditions Min. Typ. Max. Units Isolation Voltage, See Note 5 Input - Output 4,000 VAC Input - FG (Frame Ground) 1,500 Primary - Core 1,500 Switching Frequency Fixed 30 kHz Interface Signals LED Power Supply On Bi-color LED Is Green For Power On; Orange When Protection Enabled AC Fail (Option) Signal goes low (0V) if input drops below 80 VAC (± 5VAC). Signal goes high (5V) if input rises above 86 VAC Current Monitor A 0.5 to 3.0V Output That Represents 0% to 100% Output Current Current Share (Option) For Sharing Up To Four Units. Contact The Factory For Details Margin (Option) For remote output voltage adjustment. Contact The Factory For Details Remote Sense Compensates For Up To A 0.5V Line Drop Power Good Signal Goes TTL high 100 to 500 mS after regulation. Goes low at least 1 mS before the loss of regulation. Remote On/Off A TTL low signal inhibits the output. Environmental Parameter Conditions Min. Typ. Max. Units Operating Temperature Range Ambient 0 +25 +70 ºC Output Derating 2.5%/ ºC from +50 ºC to + 70 ºC Storage Temperature Range -20 +85 ºC Cooling See Model Selection Guide Operating Humidity RH, Non-condensing 90 % Reliability Specifications Parameter Conditions Min. Typ. Max. Units MTBF MIL HDBK 217F, 30ºC, Gnd Benign 100 kHours Safety Standards EN 60950, UL 60950 EMI Compliance Compliance to EN 55022 (CISPR22) Class B; EN 61000-3-2, 3 EMS Immunity Compliance EN 61000-4-2,3,4,5,6, 8,11; EN 55024, CE Marked (LVD) Vibration Sinusoidal 5~50 Hz, Acceleration ±7.35 m/s2 on X, Y & Z Axis Electrical Specifications Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice. Key Features: • Compact 400W Supply • EN 60950 Approved • PFC to EN 61000-3-2 “D” • Low Profile <1U Height • 700W Peak Power • Universal 90-264 VAC Input • Current Share Option Single Output, 400W Compact, U-Channel AC/DC Power Supplies www.micropowerdirect.com MicroPower Direct 292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com |
Similar Part No. - MPU400CS48YZI |
|
Similar Description - MPU400CS48YZI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |