Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU400S48YZ Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPU400S48YZ
Description  MPU-400 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPU400S48YZ Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPU400S48YZ Datasheet HTML 1Page - MicroPower Direct, LLC MPU400S48YZ Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions (Shown With Terminal Strip)
Notes:
1. Output regulation includes line & load.
2. Ripple & noise is measured from 10 Hz to 20 MHz. Connec-
tion to the unit is made with a 0.1 µF ceramic capacitor and
a 22 µF electrolytic capacitor connected in parallel.
3. A 1% minimum load is required to maintain regulation and
ripple specifications.
4. Transient recovery is measured to within a 1% error band
for a load step of 50% to 100%.
5. Isolation specifications are production HI-Pot tested for 3
seconds.
6. The full output range (see table) is covered in the safety
agency certification. Standard models are factory set to
the Preset voltage, but may be set to other levels within the
U-Chassis Cover (C Suffix, Shown With JST Connector)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Connections
I
nput/Output Connector (CN1):
Terminal Block:
Howder No. HB-95-7P
7 pins, M3.5 Screw, 9.5 mm Centers
JST Mating Part No:
VHR5N or equivalent (two pins removed)
VHR10N
Crimp Terminals: SVH41T-P1.1
Pin T Block
Pin
JST
1+VOUT
1+VOUT
2+VOUT
2+VOUT
3-VOUT
3+VOUT
4-VOUT
4+VOUT
5
Field Grnd
5
+VOUT
6
AC-Neutral
6
-VOUT
7
AC-Line
7
-VOUT
8-VOUT
9-VOUT
10
-VOUT
1
Field Grnd
3
AC-Neutral
5
AC-Line
Logic Signal Connector (CN2):
JST Mating Part No:
XHP-4 or equivalent
Mating Pins: JST SXH-002T-PO.6
For AWG 30 to 26
Pin
Function
1
Remote On/Off
2
Fan Fail
3
Common
4
Power Good
Fan Driver Connector (CN3):
JSTMating Part No:
JST XHP-2 or equivalent
Mating Pins: JST SXH-002T-PO.6
Pin
Function
1
Plus
2
Minus
www.micropowerdirect.com
Model Number
Models with other output voltage levels
are available (i.e. 15 VDC, 36 VDC, etc)
Contact the factory for details at:
sales@micropowerdirect.com
Model
Number
Output Voltage (VDC)
Output
Current
W/ 26.85 CFM
(Max A)
Max.
Output
Power
(W)
Ripple
&
Noise
(% p-p)
Efficiency
(%)
PreSet
Range
MPU-400S-12YZ
12 VDC
10.0 - 13.8
33.33
400
±1%
85%
MPU-400S-24YZ
24 VDC
21.0 - 26.0
16.67
400
±1%
85%
MPU-400S-48YZ
48 VDC
43.0 - 50.0
8.33
400
±1%
85%
range without affecting the agency certification.For more information,
contact the factory.
7. Output power is given for the factory preset voltage. The maximum
continuous output power level is 220W without providing 26.85 CFM
airflow.All models provide a peak power level of 700W for a maximum
duration of 500 µS. For more information, contact the factory.
8. Each unit includes an input fuse (T8A/250V). Since this fuse is not field
replaceable, it is recommended that an external fuse of the same size
be used on the input of the power supply for protection.


Similar Part No. - MPU400S48YZ

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU400S48YE MPD-MPU400S48YE Datasheet
344Kb / 2P
   MPU-400ESeries
More results

Similar Description - MPU400S48YZ

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-300M MPD-MPU-300M Datasheet
353Kb / 2P
   MPU-300M Series
MPU-500S MPD-MPU-500S Datasheet
360Kb / 2P
   MPU-500S Series
MPU-400M MPD-MPU-400M Datasheet
376Kb / 2P
   MPU-400M Series
MPU-300S MPD-MPU-300S Datasheet
373Kb / 2P
   MPU-300 Series
MPU-400CS MPD-MPU-400CS Datasheet
371Kb / 2P
   MPU-400CS Series
MPU-250SF MPD-MPU-250SF Datasheet
368Kb / 2P
   MPU-250F Series
MPU-500SE MPD-MPU-500SE Datasheet
383Kb / 2P
   MPU-500E Series
MPU-800SF MPD-MPU-800SF Datasheet
383Kb / 2P
   MPU-800F Series
MPU-800SE MPD-MPU-800SE Datasheet
383Kb / 2P
   MPU-800ESeries
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com