Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU320S24YF Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPU320S24YF
Description  MPU-400FSeries
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPU320S24YF Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPU320S24YF Datasheet HTML 1Page - MicroPower Direct, LLC MPU320S24YF Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPU-400FSeries
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
Small 400W Supply
PFC to EN 61000-3-2 “D”
EN 60950 Approved (UL)
CE Certified
FCC Class B Emissions
Universal AC Input
Compact Case w/Top Fan
Single Output 400W
Power Factor Corrected
AC/DC Power Supplies
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
90
264
VAC
Input Frequency
47
63
Hz
Input Current, Full Load
90 VAC
6
A
Inrush Current, Cold Start
110 VAC
35
A
220 VAC
70
Leakage Current
264 VAC
1.0
mA
Power Factor Correction
Meets EN 61000-3-2 Class D
Input Protection
T8A/250V Fuse
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Adjustment
By Trim Pot
±5.0
%
Output Regulation, See Note 1
±1.0
%
Hold Time
120 VAC, 80% Load
20
mSec
Ripple & Noise (20 MHz), See Note 2
See Model Selection Guide
Overload Protection
Foldback Circuit, Autorecovery
110
140
%
Over Voltage Protection
>130% of Rated Output Voltage. Recycle AC Input.
Over Temperature Protection
Autorecovery
+110
ºC
Temperature Coefficient
±0.04
%/ºC
Transient Recovery Time, See Note 4
50% Load Change
2.5
mS
Transient Response Deviation
5
%
Overshoot/Undershoot
At Turn On/Off
±5.0
%
Turn On Delay
120 VAC
1
S
Output Short Circuit
Continuous With Autorecovery
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, See Note 5
Input - Output
3,000
VAC
Input - FG (Frame Ground)
1,500
Primary - Core
1,500
Switching Frequency
Fixed
23
kHz
Interface Signals
Power Supply On
Green LED on the PCB
Fan Fail
An open collector output rated for 15V/5 mA sink current maximum.
Goes high if a fan failure is detected
Power Good Signal
Goes TTL high 100 to 500 mS after regulation. Goes low at least 1 mS
before the loss of regulation. Will sink 100 mA.
Remote On/Off
A TTL low signal inhibits the output. Hiccup mode.
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
0
+25
+70
ºC
Output Derating
2.5%/ ºC from +50 ºC to + 70 ºC
Storage Temperature Range
-20
+85
ºC
Cooling
See Model Selection Guide
Operating Humidity
RH, Non-condensing
90
%
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 30ºC, Gnd Benign
100
kHours
Safety Standards
UL 60950, EN 60950
EMI Compliance
Compliance to EN 55022 (CISPR22) Class B; EN 61000-3-2,3
EMS Immunity Compliance
EN 6100-4-2,3,4,5,6,11; EN 55024; CE Marked (LVD)
Vibration
Sinusoidal 5~50 Hz, Acceleration ±7.35 m/s2 on X, Y & Z Axis


Similar Part No. - MPU320S24YF

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
logo
MPS Industries, Inc.
MPU30 MPSIND-MPU30 Datasheet
119Kb / 2P
   30W Desk Top Switching Power Supplies For Medical Equipment
logo
Astrodyne Corporation
MPU30-101 ASTRODYNE-MPU30-101 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
logo
MPS Industries, Inc.
MPU30-101 MPSIND-MPU30-101 Datasheet
119Kb / 2P
   30W Desk Top Switching Power Supplies For Medical Equipment
logo
Astrodyne Corporation
MPU30-102 ASTRODYNE-MPU30-102 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - MPU320S24YF

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-800SE MPD-MPU-800SE Datasheet
383Kb / 2P
   MPU-800ESeries
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
   MPU & MCU
logo
MicroPower Direct, LLC
MPU-250S MPD-MPU-250S Datasheet
346Kb / 2P
   MPU-250Series
logo
Renesas Technology Corp
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA091AE RENESAS-TNA091AE Datasheet
173Kb / 10P
   MPU/MCU
TNR8CA040AE RENESAS-TNR8CA040AE Datasheet
715Kb / 5P
   MPU/MCU
TNSH7A883AE RENESAS-TNSH7A883AE Datasheet
174Kb / 1P
   MPU/MCU
logo
Hitachi Semiconductor
HD6303Y HITACHI-HD6303Y Datasheet
1Mb / 45P
   CMOS MPU
HD6303X HITACHI-HD6303X Datasheet
1Mb / 40P
   CMOS MPU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com