Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU600S48YYEI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPU600S48YYEI
Description  MPU-600ESeries
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPU600S48YYEI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPU600S48YYEI Datasheet HTML 1Page - MicroPower Direct, LLC MPU600S48YYEI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPU-600E Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
90
264
VAC
Input Frequency
47
63
Hz
Input Current, Full Load
90 VAC
10.0
A
Inrush Current, Cold Start
110 VAC
35
A
220 VAC
70
Leakage Current
264 VAC
2.0
mA
Power Factor Correction
Meets EN 61000-3-2 Class D
Input Protection
T10A/250V Fuse
Input Undervoltage Protection
Under 80 VAC ±5 VAC Unit Shuts Down; Unit Recovers Over 86 VAC
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Adjustment
By Trim Pot
±5.0
%
Output Regulation, See Note 1
±1.0
%
Hold Time
120 VAC, 80% Load
20
mSec
Ripple & Noise (20 MHz), See Note 2
See Model Selection Guide
Overload Protection
Foldback Circuit, Autorecovery
110
140
%
Over Voltage Protection
>130% of Rated Output Voltage. Recycle AC Input.
Over Temperature Protection
Autorecovery
+85
ºC
Temperature Coefficient
±0.04
%/ºC
Transient Recovery Time, See Note 4
50% Load Change
2.5
mS
Transient Response Deviation
5.0
%
Overshoot/Undershoot
At Turn On/Off
±5.0
%
Turn On Delay
230 VAC
1.0
S
Output Short Circuit
Continuous With Autorecovery
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, See Note 5
Input - Output
3,000
VAC
Input - FG (Frame Ground)
1,500
Primary - Core
1,500
Switching Frequency
Fixed
24
kHz
Interface Signals
LED Power Supply On
Bi-color LED Is Green For Power On; Orange When Protection Enabled
Current Monitor
A 0.5 to 3.0V Output That Represents 0% to 100% Output Current
Current Share
Optional For Sharing Up To Four Units. Contact The Factory For Details
Remote Sense
Compensates For Up To A 0.5V Line Drop
Power Good Signal
Goes TTL high 100 to 500 mS after regulation. Goes low at least 1 mS
before the loss of regulation. Will sink 100 mA.
Remote On/Off
A TTL low signal inhibits the output. Hiccup mode.
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
0
+25
+70
ºC
Output Derating
2.5%/ ºC from +50 ºC to + 70 ºC
Storage Temperature Range
-20
+85
ºC
Cooling
See Model Selection Guide
Operating Humidity
RH, Non-condensing
90
%
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 30ºC, Gnd Benign
100
kHours
Safety Standards
UL 60950, EN 60950
EMI Compliance
Compliance to EN 55022 (CISPR22) Class B; EN 61000-3-2,3
EMS Immunity Compliance
EN 6100-4-2,3,4,5,6,11; EN 55024, CE Marked (LVD)
Vibration
Sinusoidal 5~50 Hz, Acceleration ±7.35 m/s2 on X, Y & Z Axis
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
Compact 600W Supply
PFC to EN 61000-3-2 “D”
EN 60950 Approved (UL)
CE Certified
FCC Class B Emissions
Universal AC Input
Current Share Option
Compact Case w/End Fan
Single Output 600W
Power Factor Corrected
AC/DC Power Supplies
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - MPU600S48YYEI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU600S48YFI MPD-MPU600S48YFI Datasheet
383Kb / 2P
   MPU-600FSeries
MPU600S48YZI MPD-MPU600S48YZI Datasheet
360Kb / 2P
   MPU-600SSeries
More results

Similar Description - MPU600S48YYEI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-800SE MPD-MPU-800SE Datasheet
383Kb / 2P
   MPU-800ESeries
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
   MPU & MCU
logo
MicroPower Direct, LLC
MPU-250S MPD-MPU-250S Datasheet
346Kb / 2P
   MPU-250Series
logo
Renesas Technology Corp
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA091AE RENESAS-TNA091AE Datasheet
173Kb / 10P
   MPU/MCU
TNR8CA040AE RENESAS-TNR8CA040AE Datasheet
715Kb / 5P
   MPU/MCU
TNSH7A883AE RENESAS-TNSH7A883AE Datasheet
174Kb / 1P
   MPU/MCU
logo
Hitachi Semiconductor
HD6303Y HITACHI-HD6303Y Datasheet
1Mb / 45P
   CMOS MPU
HD6303X HITACHI-HD6303X Datasheet
1Mb / 40P
   CMOS MPU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com