Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU800S48YFI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPU800S48YFI
Description  MPU-800F Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPU800S48YFI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPU800S48YFI Datasheet HTML 1Page - MicroPower Direct, LLC MPU800S48YFI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Model
Number
Output Voltage (VDC)
Output
Current
(Max A)
Max.
Output
Power
(W)
Ripple
& Noise
(% p-p)
Efficiency
(%)
PreSet
Range
MPU-800S-12YFI
12 VDC 12.0 - 14.0
62.50
800
±1%
80%
MPU-800S-24YFI
24 VDC 20.0 - 26.0
40.00
800
±1%
83%
MPU-800S-48YFI
48 VDC 48.0 - 60.0
16.67
800
±1%
83%
Notes:
1. Output regulation includes line & load.
2. Ripple & noise is measured from 10 Hz to 20 MHz. Connection to the unit is made with a 0.1 µF ceramic capacitor &
a 22 µF electrolytic capacitor connected in parallel.
3. A 1% minimum load is required to maintain regulation & ripple specifications.
4. Transient recovery is measured to within a 1% error band for a load step change of 50% to 100%.
5. Isolation specifications are production HI-Pot tested for 3 seconds.
6. The full output range (see table) is covered in the safety agency certification. Standard models are factory set to the
Preset voltage, but may be set to other levels within the range without affecting the agency certification. For more
information, contact the factory.
7. Output power is given for the factory preset voltage.The maximum continuous output power level is 800W.All models
provide a peak power level of 900W for a maximum duration of 500 µS. For more information, contact the factory.
8. Each unit includes an input fuse (250V/12A).Since this fuse is not field replaceable,it is recommended that an external
fuse of the same size be used on the input of the power supply for protection.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
www.micropowerdirect.com
Model Number
Models with other output voltage levels
are available (i.e. 15 VDC, 36 VDC, etc)
Contact the factory for details at:
sales@micropowerdirect.com
Pin
Function
1
AC-Neutral
2
AC-Line
3
Field Ground
Connections
Input Connector (CN1):
Terminal Block:
Howder HD-121-3P: M3.5 Screws
3 pins, 9.5 mm Centers
Molex Mating Part No:
Molex 09-91-7000 or equivalent
(two pins removed)
Output Connector (CN2):
Terminal Block:
Howder HD-121-8P: M3.5 Screws
8 pins, 9.5 mm Centers
Molex Mating Part No:
Molex 09-91-2000 or equivalent
Howder
Molex
Pin
Function
Pin
Function
1-4
-VOUT
1-10
-VOUT
5-8
+VOUT
11-20
+VOUT
Logic Signal Connector (CN3):
Mating Part No:
JST XHP-7 or equivalent
(CHYAO SHIUNN JS-2001-07)
Pin
Function
1
+ Remote Sense
2
- Remote Sense
3
Remote On/Off
4
Power Good
5
Common
6
Current Share
7
Current Monitor
Fan Driver Connector (CN4):
Mating Part No:
JST XHP-2 or equivalent
(CHYAO SHIUNN JS-2001-2)
Pin
Function
1
Minus
2
Plus


Similar Part No. - MPU800S48YFI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU800S48YYEI MPD-MPU800S48YYEI Datasheet
383Kb / 2P
   MPU-800ESeries
MPU800S48YZI MPD-MPU800S48YZI Datasheet
360Kb / 2P
   MPU-800SSeries
More results

Similar Description - MPU800S48YFI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-300M MPD-MPU-300M Datasheet
353Kb / 2P
   MPU-300M Series
MPU-500S MPD-MPU-500S Datasheet
360Kb / 2P
   MPU-500S Series
MPU-400M MPD-MPU-400M Datasheet
376Kb / 2P
   MPU-400M Series
MPU-400S MPD-MPU-400S Datasheet
411Kb / 2P
   MPU-400 Series
MPU-300S MPD-MPU-300S Datasheet
373Kb / 2P
   MPU-300 Series
MPU-400CS MPD-MPU-400CS Datasheet
371Kb / 2P
   MPU-400CS Series
MPU-250SF MPD-MPU-250SF Datasheet
368Kb / 2P
   MPU-250F Series
MPU-500SE MPD-MPU-500SE Datasheet
383Kb / 2P
   MPU-500E Series
MPU-800SE MPD-MPU-800SE Datasheet
383Kb / 2P
   MPU-800ESeries
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com