Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLST143A053LV Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLST143A053LV
Description  TVS/ESD Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLST143A053LV Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  RLST143A053LV Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLST143A053LV Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLST143A053LV Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLST143A053LV Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLST143A053LV Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLST143A053LV Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLST143A053LV Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd RLST143A053LV Datasheet HTML 8Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TVS/ESD Arrays - RLST143A053LV Series
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
• 500 Watts peak pulse power (tp = 8/20μs)
• Transient protection for high speed data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20μs)
• One device protects one unidirectional line
• Two devices protect two high-speed line pairs
• Low capacitance
• Low leakage current
• Low operating and clamping voltages
• Solid-state EPD TVS process technology
Features
Mechanical Characteristics
• SOT-143 package
• Molding compound flammability rating: UL 94V-0
• Packaging: Tape and Reel per EIA 481
• Lead Finish: Matte tin
• RoHS Compliant
Applications
• USB Power & Data Line Protection
• Ethernet 10BaseT
• I2C Bus Protection
• Video Line Protection
• T1/E1 secondary IC Side Protection
• Portable Electronics
• Microcontroller Input Protection
• WAN/LAN Equipment
• ISDN S/T Interface
• Not Intended for Use in Life Support or Life
Saving Applications
• The products shown herein are not designed
for use in life sustaining or life saving
applications unless otherwise expressly indicated
Life Support Note
Pinout and Functional Block Diagram
SOT-143 (Top View)
1
23
4


Similar Part No. - RLST143A053LV

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLST236A054LV RUILON-RLST236A054LV Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLST236A054V RUILON-RLST236A054V Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLST236A055C RUILON-RLST236A055C Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLST236A124V RUILON-RLST236A124V Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLST236A125C RUILON-RLST236A125C Datasheet
1Mb / 8P
   TVS/ESD Arrays
More results

Similar Description - RLST143A053LV

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLST23A032-362V RUILON-RLST23A032-362V Datasheet
668Kb / 9P
   TVS/ESD Arrays
RLSD32AXXXLC RUILON-RLSD32AXXXLC Datasheet
803Kb / 7P
   TVS/ESD Arrays
RLST23AXXXC RUILON-RLST23AXXXC Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLSD32AXXXLV RUILON-RLSD32AXXXLV Datasheet
801Kb / 7P
   TVS/ESD Arrays
RLSD92QXXXV RUILON-RLSD92QXXXV Datasheet
791Kb / 8P
   TVS/ESD Arrays
RLSD12A RUILON-RLSD12A Datasheet
893Kb / 7P
   TVS/ESD Arrays
RLS08A2.84LV RUILON-RLS08A2.84LV Datasheet
890Kb / 8P
   TVS/ESD Arrays
RLST23A2.82LV RUILON-RLST23A2.82LV Datasheet
684Kb / 9P
   TVS/ESD Arrays
RLS08A284LV RUILON-RLS08A284LV Datasheet
793Kb / 7P
   TVS/ESD Arrays
RLSD92AXXXC RUILON-RLSD92AXXXC Datasheet
683Kb / 7P
   TVS/ESD Arrays
RLDSON10A054LV RUILON-RLDSON10A054LV Datasheet
826Kb / 7P
   TVS/ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com