Selected language     English  ā–¼


D-602-0127 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. D-602-0127
Description  SolderTacts Shielded One-Piece Solder Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
SolderTacts Shielded One-Piece Solder Contacts
Applications
One-piece controlled-sol-
dering SolderTacts contacts
connectors are designed to
terminate coaxial cables,
shielded wires, and twisted
pairs faster and more reli-
ably than any other method.
SolderTacts contacts elimi-
nate the variables associat-
ed with hard-to-handle
crimping. Their one-step
installation accelerates
production while reducing
handling and installed
costs.
Controlled Soldering
SolderTacts contacts pro-
vide the optimum amount
and type of solder and flux
in prefluxed solder preforms
to control soldering and
reduce operator sensitivity.
The geometry of the coaxial
cable is carried through the
connector to eliminate
separate pins, help reduce
cross talk, and improve
shielding effectiveness and
signal transmission.
SolderTacts contacts pro-
vide simultaneous electrical
connection and strain relief.
Heat-shrinkable tubing
insulations eliminate stress
concentration on the wire
within the contact. Because
the insulation is transparent
and inspection windows are
provided, terminations are
fully inspectable.
Compatibility
The design versatility of
SolderTacts contacts makes
them exceptionally well suit-
ed to military applications,
along with commercial
aerospace, instrumentation
and computers. SolderTacts
products are compatible
with most standard connec-
tor cavities. SolderTacts
contacts are intermateable
and intermountable with
contacts qualified to the
indicated specification.
SolderTacts shielded
contacts can be terminated
with standard Raychem
heating tools. Once termi-
nated, they can be installed
into connector cavities with
standard insertion and
extraction tools. They are
replaceable without cutting
and restripping or shorten-
ing the cable.
Specifications/Approvals
Series
Raychem
D-602
D-6002
Product Facts
I Reliable one-piece solder
contacts: through-connector
shielding reduces cross-
talk, and improves signal
transmission
I One-step installation
I Solder joints are strong and
reliable
I Terminations are fully
inspectable
I Termination for coax cables,
shielded wires, twisted
pairs, triaxial cables, for a
variety of commercial and
military connectors
Shielded Contacts
8-67
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
8
Available in:
Americas
I
Europe
I
Asia Pacific
I




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl