Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376390-4 Datasheet(PDF) 70 Page - Tyco Electronics

Part # 3-1376390-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376390-4 Datasheet(HTML) 70 Page - Tyco Electronics

Back Button 3-1376390-4 Datasheet HTML 66Page - Tyco Electronics 3-1376390-4 Datasheet HTML 67Page - Tyco Electronics 3-1376390-4 Datasheet HTML 68Page - Tyco Electronics 3-1376390-4 Datasheet HTML 69Page - Tyco Electronics 3-1376390-4 Datasheet HTML 70Page - Tyco Electronics 3-1376390-4 Datasheet HTML 71Page - Tyco Electronics 3-1376390-4 Datasheet HTML 72Page - Tyco Electronics 3-1376390-4 Datasheet HTML 73Page - Tyco Electronics 3-1376390-4 Datasheet HTML 74Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
204
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
.156 MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
.430
[10.92]
A
1.220
[30.99]
.390
[9.91]
1.220
[30.99]
A
.430
[10.92]
.390
[9.91]
.210
[5.33]
.370
[9.40]
.480
[12.19]
.180
[4.57]
1.17
[29.72]
.450
[11.43]
Ref.
1.91
[48.51]
Ref.
R .225
[5.72]
4 Plc.
1.020
[25.91]
.460
[11.68]
A
.430
[10.92]
.390
[9.91]
Pin Housing (Cap)
Free-Hanging
Part Number 794117-1
Pin Housing (Cap)
Panel Mount
Part Number 794118-1
Socket Housing (Plug)
Part Number 794116-1
Panel Mount Cutout
Housings
Free-Hanging or Panel Mount
Related Product Data
Contacts—page 203
Product Specification
108-8002
Application Specification
114-1109
Material
Housings—
Nylon, Natural Color
Flammability Rating—UL94V-2
Number of
A
Cap
Circuits
Dim.
Plug
Free-Hanging
Panel Mount
3
.048
794412-1
794413-1
1.210
4
.063
794116-1
794117-1
794118-1
1.590
Note: All part numbers are RoHS Compliant.
Note: Panel must be punched in the same
direction as the housing will be inserted.


Similar Part No. - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com