Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376390-4 Datasheet(PDF) 87 Page - Tyco Electronics

Part # 3-1376390-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376390-4 Datasheet(HTML) 87 Page - Tyco Electronics

Back Button 3-1376390-4 Datasheet HTML 83Page - Tyco Electronics 3-1376390-4 Datasheet HTML 84Page - Tyco Electronics 3-1376390-4 Datasheet HTML 85Page - Tyco Electronics 3-1376390-4 Datasheet HTML 86Page - Tyco Electronics 3-1376390-4 Datasheet HTML 87Page - Tyco Electronics 3-1376390-4 Datasheet HTML 88Page - Tyco Electronics 3-1376390-4 Datasheet HTML 89Page - Tyco Electronics 3-1376390-4 Datasheet HTML 90Page - Tyco Electronics 3-1376390-4 Datasheet HTML 91Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
60617
155
60618
155
60619
155
60620
155
60842
155
60843
155
61085
203, 213
61086
203, 213
61116
155, 214
61117
155, 214
61118
155, 214
61173
155
61174
155
61233
203, 213
61234
203, 213
61250
213
61251
213
61252
213
61253
213
61314
155, 212
61320
156
61518
156
61527
156, 212
61626
166, 212
61627
166, 212
106527
126
106528
126, 212
106529
126, 212
171636
213
171637
213
171638
86
171639
86
172156
85, 87
172157
85, 87
172158
85, 87
172159
85, 87
172160
85, 87
172161
85, 88
172162
85, 88
172163
85, 88
172164
85, 87, 92
172165 85, 87, 90, 92, 103, 105
172166 85, 87, 90, 92, 103, 105
172167 85, 87, 90-92, 103-105
172168 85, 87, 90-92, 103-105
172169 85, 88, 90-92, 103-105
172170 85, 88, 90-92, 103-105
172171 85, 88, 90-92, 103-105
172233
85, 87
172234
85, 87
172327
85, 87
172328
85, 87
172329
85, 87
172330
85, 87
172331
85, 87
172332
85, 88
172333
85, 88
Part No.
Page
172334
85, 88
172335
85, 87
172336
85, 87
172337
85, 87
172338
85, 87
172339
85, 87
172340
85, 88
172341
85, 88
172342
85, 88
172343
85, 87
172344
85, 87
172807
85, 89
172808
85, 89
172809
85, 89
172971
86
173924
184, 199
173925
184, 199
173926
184, 199
173956
85
173957
85, 89
173958
85
174552
154, 164
174670
86
177898
60, 62, 71
177899
60, 62, 71
177900
60, 63, 71
177901
60, 63, 71
177902
60, 63, 71
177903
60, 64, 71
177904
60, 64, 71
177905
60, 64, 71
177906
60, 67, 71
177907
60, 67, 71
177908
60, 68, 71
177909
60, 68, 71
177911
60, 69, 71
177912
60, 69, 71
177913
60, 70-71
177914
61, 211
177915
61, 211
177916
61, 211
177917
61, 211
177918
60, 71
177919
60, 71
177920
60, 71
177921
60, 71
179463
60, 65, 71
179464
60, 65, 71
179465
60, 66, 71
179466
60, 66, 71
179467
60, 66, 71
179592
61
179593
61
179594
61
179595
61
179838
61, 72
179839
61, 72
179840
61, 73
179841
61, 73
179843
61, 74
179844
61, 74
179846
61, 79
Part No.
Page
179847
61, 79
179848
61, 80
179849
61, 80
179861
61, 75, 77
179862
61, 76-77
179938
61, 75, 77
179939
61, 75, 77
179944
61
179945
61
193796
201
193797
201
193839
201
193841
201
193842
201
194002
202
194009
202
194010
202
194012
202
194013
202
194014
202
194017
202
194018
202
200821
156
306088
14
316061
60, 78
316062
60, 78
316063
60, 78
316086
10, 12, 14
316087
10, 12, 14
316088
10, 12, 14
316089
10, 12, 14
316090
10, 12, 14
316091
10, 12, 14
316092
10, 12, 14
316094
10, 12, 14
316221
16
316222
16
316223
16
316224
16
316225
16
316226
16
316227
16
316299
72
316398
12
316399
12
316400
12
316401
12
316454
94
316455
94
316501
60, 62, 71
316502
60, 67, 71
316768
60, 62, 71
316769
60, 65, 71
316770
60, 71
350020
116
350021
116
350022
116
350073
156
350074
156
350078
155, 212
350079
155, 212
350200
166, 212
Part No.
Page
350201
166, 212
350209
153, 161
350210
153, 161
350211
154, 161, 163
350212
153, 161
350213
153, 161
350214
153, 161
350218
172, 181, 213
350219
153, 161
350220
153, 161
350344
167
350345
167
350346
167
350347
167
350373
116
350374
116
350375
116
350376
116
350377
116
350378
116
350379
116
350380
116
350388
166
350389
166
350390
166
350391
166
350415
145, 212
350416
145, 212
350417
145, 212
350418
145, 212
350422
153, 161
350423
153, 161
350424
154, 161, 163
350425
153, 161
350426
153, 161
350427
153, 161
350428
171, 182
350429
171, 182
350430
171, 182
350431
171, 182
350432
171, 182
350433
171, 182
350434
171, 182
350444
155
350522
116
350523
116
350524
116
350536
172, 181, 213
350537
172, 213
350538
172, 213
350539
153, 158, 161
350540
153, 158, 161
350541
153, 158, 161
350542
153, 161
350543
154, 158, 161
350544
154, 158, 161
350547
172, 181
350550
172, 181
350551
172
350552
172
350557
155, 212
350558
155, 212
Part No.
Page
221
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Note: This index lists all cataloged parts
by base no. only. Complete part nos.
(with prefixes and/or suffixes) are shown
on the page(s) indicated.
Part Number Index
AMP
Soft Shell
Pin and Socket Connectors


Similar Part No. - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com