Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376390-4 Datasheet(PDF) 38 Page - Tyco Electronics

Part # 3-1376390-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376390-4 Datasheet(HTML) 38 Page - Tyco Electronics

Back Button 3-1376390-4 Datasheet HTML 34Page - Tyco Electronics 3-1376390-4 Datasheet HTML 35Page - Tyco Electronics 3-1376390-4 Datasheet HTML 36Page - Tyco Electronics 3-1376390-4 Datasheet HTML 37Page - Tyco Electronics 3-1376390-4 Datasheet HTML 38Page - Tyco Electronics 3-1376390-4 Datasheet HTML 39Page - Tyco Electronics 3-1376390-4 Datasheet HTML 40Page - Tyco Electronics 3-1376390-4 Datasheet HTML 41Page - Tyco Electronics 3-1376390-4 Datasheet HTML 42Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 98 page
background image
172
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Contacts
Solid pin diameter .084 [2.13]
Stock thickness .012 [.305] unless
otherwise noted.
These contacts can be used in either
Universal MATE-N-LOK Plug or Cap
housings only.
Wire Size
Ins. Dia.
L Dim.
Contact Part Numbers
HDM
Hand Tool
Range
Range
Pin
Socket
Material & Finish
Pin
Socket
Applicator
Part No.
AWG [mm2]
Strip Form
Loose Piece
Strip Form
Loose Piece
Part No.
30-26
.032-.057
.790
.760
Brass, Pre-tin
350924-1
770672-1
350925-1
770673-1
466616-26
58439-1
[.05-.12]
.813-1.45
20.06
19.30
Phos. Brz., Gold2
350924-6
770672-6
350925-6
466616-36
Brass, Pre-tin
350561-1
350690-1
350851-1
350689-11
350570-11
Brass, Gold2
350561-2
350690-2
350851-2
640347-2
466320-16
24-18
.040-.100
.790
.760
350570-21
350689-21
466320-26
91510-1
[.2-.8]
1.02-2.54
20.06
19.30
Brass, Select Gold3
350561-7
350690-7
350851-7
350689-71
466320-46
350570-71
Phos. Brz., Pre-tin
350561-3
350690-3
350570-31
350689-31
Phos. Brz., Select Gold3
——
350570-61
Brass, Pre-tin
350218-1
350547-1
350536-1
350550-1
20-14
.060-.130
.790
.760
Brass, Gold2
350218-2
350547-2
350536-2
350550-2
687763-16
[.5-2.0]
1.52-3.30
20.06
19.30
Brass, Select Gold3
350218-7
350547-7
350536-7
350550-7
687763-26
91500-1
Phos. Brz., Pre-tin
350218-3
350547-3
350536-3
350550-3
687763-66
Phos. Brz., Select Gold3 350218-6
350547-6
350536-6
350550-6
20-14
Brass, Pre-tin
350538-1
350552-1
350537-1
350551-1
[.5-2.0]
.130-.200
.810
.780
Brass, Gold2
350538-2
350552-2
350537-2
350551-2
687926-16
91508-17
or
3.30-5.08
20.57
19.81
Brass, Select Gold3
350538-7
350552-7
350537-7
350551-7
687926-26
91506-17
2@18
Phos. Brz., Pre-tin
350538-3
350552-3
350537-3
350551-3
687926-66
[.8]
Phos. Brz., Select Gold3 350538-6
350552-6
350537-6
350551-6
18-144
.130-.200
.810
.780
Brass, Pre-tin
350873-1
350874-1
466588-16
91508-17
466588-26
[.8-2.0]
3.30-5.08
20.57
19.81
Phos. Brz., Pre-tin
350873-3
350918-3
350874-3
350919-3
466588-36
91506-17
12-10
.200 max.5
.810
.780
Phos. Brz., Pre-tin
350922-3
640309-3
350923-3
640310-3
466597-16
[3.0-5.0]
5.08
20.57
19.81
Phos. Brz., Select Gold3 350922-6
640309-6
350923-6
640310-6
466597-26
69710-17
466597-36
1
Socket Contact — .010 [.254] stock thickness
2
Gold Finish — Plated with .000030 [.000762] min. gold in mating area and inside wire barrel over .000050 [.00127] min. nickel underplate on entire contact.
3
Select Gold Finish — Plated with .000030 [.000762] min. gold in mating area over .000050 [.00127] min. nickel underplate on entire contact.
4
Recommended for predominant use of 14 AWG wire.
5
There is no insulation barrel on this contact. Insulation maximum diameter is limited by the housing.
6
HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used on AMP-O-LECTRIC Model K
Machine, -3, -4 & -6 are used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for further information.
7
Hand Tool No. 91508-1 is for wire size 20-18 AWG. Hand Tool No. 91506-1 is for wire size 16-14 AWG. Hand Tool No. 69710-1 use die set No. 58380-1 for 12
AWG and No. 58380-2 for 10 AWG.
Note: Phosphor bronze material contacts should be used in high temperature/humidity cycling applications.
Note: All part numbers are RoHS Compliant.
Related Product Data
Product Specification
108-1031 Universal MATE-N-LOK
Connectors
Application Specification
114-1010 Universal MATE-N-LOK
Contacts
Performance Characteristics—
pages 169-170
Technical Documents— pages 169 and
205-206
Application Tooling— pages 207-210
Housings—page 174
Contact Insertion Tool
(For inserting contacts applied
to small diameter wire)
Part No. 91002-1
IS 408-7347
Solid Pin
Socket
Contact Extraction Tool
Part No. 318851-1
IS 408-4371
Contact Retention Test Tool
Part No. 1586701-1
IS 408-10003


Similar Part No. - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com