Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376391-4 Datasheet(PDF) 69 Page - Tyco Electronics

Part # 3-1376391-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376391-4 Datasheet(HTML) 69 Page - Tyco Electronics

Back Button 3-1376391-4 Datasheet HTML 65Page - Tyco Electronics 3-1376391-4 Datasheet HTML 66Page - Tyco Electronics 3-1376391-4 Datasheet HTML 67Page - Tyco Electronics 3-1376391-4 Datasheet HTML 68Page - Tyco Electronics 3-1376391-4 Datasheet HTML 69Page - Tyco Electronics 3-1376391-4 Datasheet HTML 70Page - Tyco Electronics 3-1376391-4 Datasheet HTML 71Page - Tyco Electronics 3-1376391-4 Datasheet HTML 72Page - Tyco Electronics 3-1376391-4 Datasheet HTML 73Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
203
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
.156 MATE-N-LOK Connectors
AMP
Soft Shell
Pin and Socket Connectors
Product Facts
I
Positive polarized nylon
housings
I
Panel mount or free-hanging
I
Numbered cavities for easy
circuit identification
I
Removable, crimp snap-in
contacts
I
Contacts accept 20-10 AWG
wire sizes
I
Pin contacts are used in cap
housings, socket contacts
are used in plug housings
I
Not for interrupting current
I
Recognized under the
Component
Program of
Underwriters Laboratories
Inc., File No. E28476
I
Certified by Canadian
Standards Association File
No. LR7189
R
Wire Size
Ins. Dia.
Contact Part Number
HDM1
Hand Tool
Range
Pin
Socket
Applicator
AWG [mm2]
Range
Strip Form
Loose Piece
Strip Form
Loose Piece
Part No.
Part No.
20-14
466462-1
[.5-2.0]
.125 max.
61086-1
61251-1
61085-1
61250-1
466462-2
58631-1
466462-3
12-10
.185 max.
61234-1
61253-1
61233-1
61252-1
687765-2
58632-1
[3.0-6.0]
687765-3
1
To be used with appropriate application machine. See pages 201-204 for further information.
Note: All part numbers are RoHS Compliant.
.925
[2.35]
Pin
Used in Caps
Socket
Used in Plugs
.760
[1.93]
Insertion Tool
Part No. 91002-1
(IS 408-7347)
Extraction Tool
Part No. 691458-1 (Pins)
Part No. 691458-2 (Sockets)
(IS 408-4322)
Contacts
Pin diameter .156 [3.96]
Material and Finish
Contacts—
Brass, Pre-tin plated
Stock thickness .018 [.457]


Similar Part No. - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com