Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

901002 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 901002
Description  Electronic device circuit breaker - ECP-E 10A - 0901002
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

901002 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  901002 Datasheet HTML 1Page - PHOENIX CONTACT 901002 Datasheet HTML 2Page - PHOENIX CONTACT 901002 Datasheet HTML 3Page - PHOENIX CONTACT 901002 Datasheet HTML 4Page - PHOENIX CONTACT 901002 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/0901002
1/7/14   Page 1 / 5
Electronic device circuit breaker - ECP-E 10A - 0901002
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Electronic device circuit breaker, Number of positions: 1, Connection method: Screw connection, Width: 12.5 mm,
Fuse type: Electronic, Fuse type: Automatic device, Mounting type: On base element, Color: black
Product Features
 Can be plugged onto TMCP SOCKET M base
 Design width of just 12.5 mm
 The operating or error state is indicated by a multi-color LED as well as an integrated status output (12)
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
44.52 GRM
Custom tariff number
85362010
Country of origin
Germany
Technical data
General
Installation instructions
When mounted in rows without convection cooling, the nominal device
current should only be led to a maximum of 80% due to the thermal effect
during continuous operation (100% operating factor).
Special precautionary measures must be taken in systems or machines, to
prevent components from restarting (e.g., use of a safety PLC).
Parallel connection of multiple circuit breakers is not permitted.
Mounting type
On base element
Color
black
Number of positions
1
Surge voltage category
II
Insulating material
PA66/6
Inflammability class according to UL 94
V0
Electrical data


Similar Part No. - 901002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
90100-90199 MA-COM-90100-90199 Datasheet
511Kb / 3P
   High Working Voltage: 50 V
logo
Alpha Wire
901003 ALPHAWIRE-901003 Datasheet
99Kb / 4P
   Customer Specification
3/15/2023
901003CY ALPHAWIRE-901003CY Datasheet
100Kb / 5P
   Customer Specification
3/15/2023
901004 ALPHAWIRE-901004 Datasheet
99Kb / 4P
   Customer Specification
3/15/2023
901004CY ALPHAWIRE-901004CY Datasheet
100Kb / 4P
   Customer Specification
3/15/2023
More results

Similar Description - 901002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0900317 PHOENIX-0900317 Datasheet
74Kb / 4P
   Electronic device circuit breaker - ECP-E 3A
09.11.2012
0900100 PHOENIX-0900100 Datasheet
73Kb / 5P
   Electronic device circuit breaker - ECP-E2-10A
0912050 PHOENIX-0912050 Datasheet
59Kb / 4P
   Electronic device circuit breaker - ECP-E3 10A
0900812 PHOENIX-0900812 Datasheet
73Kb / 5P
   Electronic device circuit breaker - ECP-E 8A
0912034 PHOENIX-0912034 Datasheet
72Kb / 5P
   Electronic device circuit breaker - ECP 4
0912033 PHOENIX-0912033 Datasheet
65Kb / 4P
   Electronic device circuit breaker - ECP 6
0911034 PHOENIX-0911034 Datasheet
82Kb / 5P
   Electronic device circuit breaker - ECP 2
09/11/2020
0912042 PHOENIX-0912042 Datasheet
59Kb / 4P
   Electronic device circuit breaker - ECP-E3 2A
08/01/2016
0900236 PHOENIX-0900236 Datasheet
73Kb / 5P
   Electronic device circuit breaker - ECP-E2-2A
08/01/2016
0900139 PHOENIX-0900139 Datasheet
73Kb / 5P
   Electronic device circuit breaker - ECP-E2-1A
08/01/2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com