Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N941B-1 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # 1N941B-1
Description  11.7 VOLT NOMINAL ZENER VOLTAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N941B-1 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  1N941B-1 Datasheet HTML 1Page - Compensated Deuices Incorporated 1N941B-1 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
REVERSE LEAKAGE CURRENT
lR = 15µ A @ 25°C & VR = 8 Vdc
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
JEDEC
ZENER
ZENER
MAXIMUM
VOLTAGE
TEMPERATURE
EFFECTIVE
TYPE
VOLTAGE
TEST
ZENER
TEMPERATURE
RANGE
TEMPERATURE
NUMBER
CURRENT
IMPEDANCE
STABILITY
COEFFICIENT
v
z
@ I
ZT
I
ZT
ZZT
∆V
ZT
MAXIMUM
(Note 1)
(Note 2)
VOLTS
mA
OHMS
mV
°C
% / °C
1N941
11.12—12.28
7.5
30
88
0 to + 75
0.01
1N941A
11.12—12.28
7.5
30
181
-55 to +100
0.01
1N941B
11.12—12.28
7.5
30
239
-55 to +150
0.01
1N942
11.12—12.28
7.5
30
44
0 to + 75
0.005
1N942A
11.12—12.28
7.5
30
90
-55 to +100
0.005
1N942B
11.12—12.28
7.5
30
120
-55 to +150
0.005
1N943
11.12—12.28
7.5
30
18
0 to + 75
0.002
1N943A
11.12—12.28
7.5
30
36
-55 to +100
0.002
1N943B
11.12—12.28
7.5
30
47
-55 to +150
0.002
1N944
11.12—12.28
7.5
30
9
0 to + 75
0.001
1N944A
11.12—12.28
7.5
30
18
-55 to +100
0.001
1N944B
11.12—12.28
7.5
30
24
-55 to +150
0.001
1N945
11.12—12.28
7.5
30
4
0 to + 75
0.0005
1N945A
11.12—12.28
7.5
30
9
-55 to +150
0.0005
1N945B
11.12 -12.28
7.5
30
12
-55 to +150
0.0005
NOTE 1 Zener impedance is derived by superimposing on l
ZT
A 60Hz rms a.c. current equal to
10% of l
ZT
.
NOTE 2 The maximum allowable change observed over the entire temperature range i.e., the
diode voltage will not exceed the specified mV at any discrete temperature between
the established limits, per JEDEC standard No.5.
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass
case. DO – 35 outline.
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
• 1N941B, 1N943B, 1N944B AND 1N945B AVAILABLE IN
JAN, JANTX AND JANTXV
PER MIL-PRF-19500/157
• 1N941B-1, 1N943B-1, 1N944B-1 AND 1N945B-1 AVAILABLE IN
JAN, JANTX, JANTXV AND JANS
PER MIL-PRF-19500/157
• 11.7 VOLT NOMINAL ZENER VOLTAGE
• TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
• METALLURGICALLY BONDED
1N941 thru 1N945B
and
1N941B-1 thru 1N945B-1


Similar Part No. - 1N941B-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N941B-1 MICROSEMI-1N941B-1 Datasheet
127Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - 1N941B-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N935 CDI-DIODE-1N935 Datasheet
107Kb / 2P
   9.0 VOLT NOMINAL ZENER VOLTAGE
1N4916 CDI-DIODE-1N4916 Datasheet
77Kb / 2P
   19.2 VOLT NOMINAL ZENER VOLTAGE 5%
CDLL4765 CDI-DIODE-CDLL4765 Datasheet
111Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
CD935 CDI-DIODE-CD935 Datasheet
167Kb / 2P
   9.0 VOLT NOMINAL ZENER VOLTAGE 5%
1N4775 CDI-DIODE-1N4775 Datasheet
71Kb / 2P
   8.5 VOLT NOMINAL ZENER VOLTAGE 5%
1N4565A CDI-DIODE-1N4565A Datasheet
243Kb / 2P
   6.4 VOLT NOMINAL ZENER VOLTAGE 5%
CD3154 CDI-DIODE-CD3154 Datasheet
106Kb / 2P
   8.4 VOLT NOMINAL ZENER VOLTAGE 5%
1N4765 CDI-DIODE-1N4765 Datasheet
112Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
logo
New Jersey Semi-Conduct...
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4896A NJSEMI-1N4896A Datasheet
84Kb / 1P
   12.8 VOLT NOMINAL ZENER VOLTAGE 짹 5%
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com