Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDJ2HA3MEFJ-LB Datasheet(PDF) 9 Page - Rohm

Part # BDJ2HA3MEFJ-LB
Description  0.3A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDJ2HA3MEFJ-LB Datasheet(HTML) 9 Page - Rohm

Back Button BDJ2HA3MEFJ-LB Datasheet HTML 5Page - Rohm BDJ2HA3MEFJ-LB Datasheet HTML 6Page - Rohm BDJ2HA3MEFJ-LB Datasheet HTML 7Page - Rohm BDJ2HA3MEFJ-LB Datasheet HTML 8Page - Rohm BDJ2HA3MEFJ-LB Datasheet HTML 9Page - Rohm BDJ2HA3MEFJ-LB Datasheet HTML 10Page - Rohm BDJ2HA3MEFJ-LB Datasheet HTML 11Page - Rohm BDJ2HA3MEFJ-LB Datasheet HTML 12Page - Rohm BDJ2HA3MEFJ-LB Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9/21
BDxxHA3MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00540-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
500.0
600.0
700.0
800.0
900.0
-40
-15
10
35
60
85
Ta [°C]
3.0
4.0
5.0
6.0
7.0
-40
-15
10
35
60
85
Ta [°C]
VEN
2V/div
Vcc
5V/div
Vo
5V/div
VEN
2V/div
Vcc
5V/div
Vo
5V/div
40msec/div
40msec/div
Figure 19.
OFF sequence 2
Co=1µF,Ta=25℃
Figure 20.
OFF sequence 2
Co=1µF,Ta=105℃
Figure 21.
Ta-Vo
(Io=0mA)
105
Figure 22.
Ta-Icc
105


Similar Part No. - BDJ2HA3MEFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ2C0A ROHM-BDJ2C0A Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDJ2C0AW ROHM-BDJ2C0AW Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDJ2FC0WEFJ-E2 ROHM-BDJ2FC0WEFJ-E2 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDJ2FC0WFP-E2 ROHM-BDJ2FC0WFP-E2 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDJ2FD0WFP2-E2 ROHM-BDJ2FD0WFP2-E2 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
More results

Similar Description - BDJ2HA3MEFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BDXXHA3MEFJ-M ROHM-BDXXHA3MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.3A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00IC0MEFJ-LB ROHM-BD00IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
BD00GA5MEFJ-LB ROHM-BD00GA5MEFJ-LB Datasheet
901Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00HA5MEFJ-LB ROHM-BD00HA5MEFJ-LB Datasheet
892Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00HC0MEFJ-LB ROHM-BD00HC0MEFJ-LB Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com