Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376386-4 Datasheet(PDF) 30 Page - Tyco Electronics

Part # 3-1376386-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376386-4 Datasheet(HTML) 30 Page - Tyco Electronics

Back Button 3-1376386-4 Datasheet HTML 26Page - Tyco Electronics 3-1376386-4 Datasheet HTML 27Page - Tyco Electronics 3-1376386-4 Datasheet HTML 28Page - Tyco Electronics 3-1376386-4 Datasheet HTML 29Page - Tyco Electronics 3-1376386-4 Datasheet HTML 30Page - Tyco Electronics 3-1376386-4 Datasheet HTML 31Page - Tyco Electronics 3-1376386-4 Datasheet HTML 32Page - Tyco Electronics 3-1376386-4 Datasheet HTML 33Page - Tyco Electronics 3-1376386-4 Datasheet HTML 34Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
164
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
PC Board Right-Angle
Pin Header with Fix Belt
Material
Housing — Thermoplastic
Flammability Rating — UL94V-2
Contacts — Copper Alloy
Related Product Data
Used by the disk drive industry
Product Specification
108-5155
.996
[25.30]
.217
[5.50]
.933
[23.70]
.600
[15.24]
.400
[10.16]
.167
[4.23]
.200
[5.08]
.402
[10.20]
.453
[11.50]
.161
[4.10]
.150
[3.80]
.346
[8.80]
.016
[.400]
Ref.
Part No. 174552-1
Notes: Mates with socket housing Part No. 1-480424-0.
Other mating connectors include a vertical PC Board
socket header and the insulation displacement
connectors (IDC).
.933
[23.70]
.209
[5.30]
.215
[5.45]
.600
[15.24]
.400
[10.15]
.167
[4.23]
.200
[5.08]
.091
[2.30]
.059
[1.50]
Recommended PC Board Hole Layout
.062 [1.57] thick PC Board
4 Circuit, In-Line
PC Board Right-Angle
Pin Headers with Fix Belt
Reverse Polarization
Material and Finish
Housing — Nylon
Flammability Rating — UL94V-2
Contacts — Tin plated, Copper alloy
Related Product Data
Used by the disk drive industry
Product Specification
108-5155
.996
[25.30]
.217
[5.50]
Ref.
.933
[23.70]
.600
[15.24]
.400
[10.16]
.167
[4.23]
.933
[23.70]
.200
[5.08]
.600
[15.24]
.167
[4.23]
.200
[5.08]
.400
[10.16]
.090
[2.30]
2 Plcs. .059
[1.50]
4 Plcs.
.215
[5.45]
.209
[5.30]
.402
[10.20]
.453
[11.50]
.161
[4.10]
.512
[13.00]
.362
[9.20]
.346
[8.80]
.016
[.400]
Ref.
A Ref.*
432
1
Part No. 174804*
Recommended PC Board Hole Layout
.062 [1.57] thick PC Board
Notes: Mates with socket housing Part No. 1-480424-0. Other mating connectors include a vertical PC Board socket
header and the insulation displacement connectors (IDC).
Part No.
A Dim.*
Description
174804-1
.150
Long Clamp
3.80
with Kink
4 Circuit, In-Line
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com