Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

923340 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 923340
Description  CompactPCI Connectors acc. to PIGMG 2.0 Rev. 3.0
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

923340 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  923340 Datasheet HTML 1Page - List of Unclassifed Manufacturers 923340 Datasheet HTML 2Page - List of Unclassifed Manufacturers 923340 Datasheet HTML 3Page - List of Unclassifed Manufacturers 923340 Datasheet HTML 4Page - List of Unclassifed Manufacturers 923340 Datasheet HTML 5Page - List of Unclassifed Manufacturers 923340 Datasheet HTML 6Page - List of Unclassifed Manufacturers 923340 Datasheet HTML 7Page - List of Unclassifed Manufacturers 923340 Datasheet HTML 8Page - List of Unclassifed Manufacturers 923340 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
http://Connect.ERNI.com/contact/
Catalog E 074486 08/00 Edition 1
Ordering Informations
CompactPCI Connectors acc. to PIGMG 2.0 Rev. 3.0
Part Number
Location On
The PCB
Number Of
Positions*
Male Connectors For Backplanes
Contact
Loading*
Part Number
Location On
The PCB
Number Of
Positions*
Female Connectors For Daughter Cards
Type A With Peg
P1
25
CB---BC
923190
Type A With Peg And Extended Terminals
For Shrouding
P1 Special
25
TP---PT
923197
Type A Without Peg And With Extended Terminals
P1
25
TS---ST
923342
Type B (AB Compatible) With Extended Terminals
For Shrouding
P2, P5
22
TSSSSS-
923345
Type B (AB Compatible) With Extended Terminals
For Shrouding
P3
19
TSSSSST
923341
Type B (AB Compatible) With Extended Terminals
For Shrouding
P3
19
TSSSSS-
923346
Type A With Extended Terminals For Shrouding
P4
25
S----ST
923347
Type A With Peg And Extended Terminals
For Shrouding
P4
25
TRRRRRT
064688
Type A With Peg And Extended Terminals
For Shrouding
P4
25
TSSSSST
103975
Type B (AB Compatible) With Extended Terminals
For Shrouding
P5 Telecom
22
-------
923339
Type B (AB Compatible) With Extended Terminals
For Shrouding
P2, P5
22
TSSSSST
923340
Type A With Shield, Without Peg
J1, J4
25
064176
Type A With Split Shield, Partially Loaded
J4 Telecom
25
104512
Type A With Split Shield, Partially Loaded
rJ4 Telecom
25
104697
Type AB With Shield, Without Peg
rJ2, rJ5
22
114809
Type AB With Shield, Without Peg
rJ3
19
114810
Type B With Upper Shield
J2, J5
22
064785
Type B With Upper Shield
J3
19
064784
Part Number
Location On
The PCB
Number Of
Positions*
Shrouds For Male Connectors
Height
(mm)
Type A Shroud 25 Positions
rP1, rP4
25
14.35
114436
Type A Shroud 25 Positions
rP1, rP4
25
14.95
054795
Type A Shroud 25 Positions
rP1, rP4
25
15.75
054794
Type A Shroud 25 Positions
rP1, rP4
25
16.55
054793
Type AB Shroud 22 Positions
rP2, rP5
22
14.95
114426
Type AB Shroud 22 Positions
rP2, rP5
22
15.75
114427
Type AB Shroud 22 Positions
rP2, rP5
22
16.55
114428
Type AB Shroud 19 Positions
rP3
19
14.35
114487
Type AB Shroud 19 Positions
rP3
19
14.95
114488
Type AB Shroud 19 Positions
rP3
19
15.75
114489
Type AB Shroud 19 Positions
rP3
19
16.55
114490
Part Number
Application
Code
Number
Coding Keys
Color
Coding Keys For Male Connectors And Shrouds
5.0 Volts P1
1567
Brilliant Blue
043347
Coding Keys For Male Connectors And Shrouds
3.3 Volts P1
3456
Cadmium Yellow
043345
Coding Keys For Male Connectors And Shrouds
Telecom P4
1248
Strawberry Red
043350
Coding Keys For Female Connectors
5.0 Volts J1
2348
Brilliant Blue
043337
Coding Keys For Female Connectors
3.3 Volts P1
1278
Cadmium Yellow
043335
Coding Keys For Female Connectors
Telecom J4
3567
Strawberry Red
043340
* Length = 50mm; Pitch = 2.0mm => 50 / 2 = 25 Positions
**Cross Sectional Loading From Z To F
Back
Back


Similar Part No. - 923340

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
923340 ERNI-923340 Datasheet
84Kb / 1P
   ERmet Messerleiste B 22
More results

Similar Description - 923340

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SS-52100-001 BEL-SS-52100-001_V01 Datasheet
524Kb / 1P
   USB 2.0 and 3.0 Connectors
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
   DATA SHEET REV.2.0(PRELIMINARY)
logo
Freescale Semiconductor...
68HC05BD7 FREESCALE-68HC05BD7 Datasheet
680Kb / 85P
   SPECIFICATION REV 2.0 (General Release)
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4641-X921 VACUUMSCHMELZE-T60404-N4641-X921 Datasheet
512Kb / 7P
   Differential Current Sensor acc. to the standard UL2231 Ed.2.0
logo
CONEC Elektronische Bau...
CPH38W23MARASK9X CONEC-CPH38W23MARASK9X Datasheet
70Kb / 1P
   CompactPCI
logo
M/A-COM Technology Solu...
MAAL-007304 MA-COM-MAAL-007304 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
logo
Lumberg
SV LUMBERG-SV Datasheet
554Kb / 4P
   Circular connectors with threaded joint M16 acc.
logo
Advantech Co., Ltd.
ULI-414LIB ADVANTECH-ULI-414LIB Datasheet
967Kb / 4P
   Industrial USB 2.0 & 3.0 Hubs
22-Jun-2022
logo
NXP Semiconductors
MC68HC908QY4A NXP-MC68HC908QY4A Datasheet
3Mb / 202P
   Addendum to MC68HC908QY4A, rev. 3
5/2012 Rev. 3
logo
Freescale Semiconductor...
MC908QY8CDWE FREESCALE-MC908QY8CDWE Datasheet
1Mb / 232P
   Addendum to MC68HC908QB8, rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com