Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THL25-2411 Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # THL25-2411
Description  DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THL25-2411 Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  THL25-2411 Datasheet HTML 1Page - Touchstone Semiconductor Inc THL25-2411 Datasheet HTML 2Page - Touchstone Semiconductor Inc THL25-2411 Datasheet HTML 3Page - Touchstone Semiconductor Inc THL25-2411 Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.tracopower.com
Page 3 of 4
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
DC/DC Converters
THL 25 Series
25 Watt
General Specifications
Temperature ranges
– Operating (natural convection 20 LFM)
–40°C to +80°C (with derating)
– Operating with heat sink (natural convection 20 LFM) –40°C to +85°C (with derating)
– Case temperature
+105°C max.
– Storage
–50°C to +125°C
Load derating
– without heat sink
2.0 %/K above +55°C
(natural convection 20 LFM, – with heat sink
2.5 %/K above +65°C
typical values over series)
see application note for particular models
Thermal impedance
– Natural convection
17.6°C/W
– Natural convection with heat sink
14.8°C/W
Humidity (non condensing)
95 % rel H max.
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>372’000 h
Isolation voltage (60sec.)
– Input/Output
1500 VDC
Isolation capacitance
– Input/Output
2000 pF max.
Isolation resistance
– Input/Output (500 VDC)
>1000 MOhm
Remote On/Off
– On:
3.5 ... 15 VDC or open circuit
– Off:
0 ... 1.2 VDC or short circuit pin 6 and pin 2
– Off idle current:
3 mA typ.
Switching frequency (fixed)
285 kHz typ. (pulse width modulation PWM)
Safety standards (designed to meet)
UL/cUL 60950-1, IEC/EN 60950-1
Safety approvals
– CB test certificate according IEC 60950-1
www.tracopower.com/products/thl25-cb.pdf
– CSA certificate for UL/CSA 60950-1(pending)
www.tracopower.com/products/thl25-csa.pdf
Environmental compliance
– Reach
www.tracopower.com/products/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU
Physical Specifications
Casing material
metal
Baseplate
non conductive FR4
Potting material
epoxy (UL 94V-0 rated)
Weight
16.5 g (0.58 oz)
Soldering temperature
max. 260°C / 10sec.
Application note : www.tracopower.com/products/thl25-application.pdf


Similar Part No. - THL25-2411

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THL25-2411 TRACOPOWER-THL25-2411 Datasheet
957Kb / 5P
   DC/DC Converter THL 25 Series, 25 Watt
Rev. Januaryy 19, 2023
THL25-2411WI TRACOPOWER-THL25-2411WI Datasheet
925Kb / 4P
   DC/DC Converter THL 25WI Series, 25 Watt
Rev. Januaryy 19, 2023
More results

Similar Description - THL25-2411

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com